Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6714
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 Datasheet(HTML) 5 Page - STMicroelectronics

  L6714 Datasheet HTML 1Page - STMicroelectronics L6714 Datasheet HTML 2Page - STMicroelectronics L6714 Datasheet HTML 3Page - STMicroelectronics L6714 Datasheet HTML 4Page - STMicroelectronics L6714 Datasheet HTML 5Page - STMicroelectronics L6714 Datasheet HTML 6Page - STMicroelectronics L6714 Datasheet HTML 7Page - STMicroelectronics L6714 Datasheet HTML 8Page - STMicroelectronics L6714 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
L6714
Block diagram
5/70
1
Block diagram
Figure 1.
L6714 block diagram
LOGIC PWM
ADAPTIVE ANTI
CROSS CONDUCTION
LOGIC PWM
ADAPTIVE ANTI
CROSS CONDUCTION
LOGIC PWM
ADAPTIVE ANTI
CROSS CONDUCTION
HS1
HS1
HS2
LS2
HS3
LS3
CURRENT SHARING
CORRECTION
CH2 CURRENT
READING
CH3 CURRENT
READING
CH4 CURRENT
READING
OCP4
OCP3
OCP2
L6714
CONTROL LOGIC
AND PROTECTIONS
PWM1
PWM2
PWM3
PWM1
PWM2
PWM3
OCP1
OCP3
OCP4
OCP2
DIGITAL
SOFT START
OFFSET
CS2-
CS2+
CS3-
CS3+
CS4-
CS4+
SGND
VCC
OUTEN
OSC / FAULT
OUTEN
VID0
VID1
VID2
VID3
VID4
VID5
VID6
DAC/CS_SEL
OUTEN
VCC
1.240V
OVP
COMPARATOR
+150mV / 1.800V / OVP
64k
64k
64k
64k
REMOTE
BUFFER
CURRENT SHARING
CORRECTION
CURRENT SHARING
CORRECTION
LOGIC PWM
ADAPTIVE ANTI
CROSS CONDUCTION
HS4
LS4
PWM4
CURRENT SHARING
CORRECTION
CH1 CURRENT
READING
OCP1
CS1-
CS1+
PWM4
TOTAL DELIVERED CURRENT
VID_SEL
VCCDR
SS_OSC / REF
VID7 / D-VID
CS_SEL
CS_SEL
SS_END / PGOOD
VR_HOT
VR_FAN
TM
CS_SEL
CS_SEL
CS_SEL
OVP
DAC / CS_SEL
ERROR
AMPLIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com