Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L6714
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L6714 Datasheet HTML 41Page - STMicroelectronics L6714 Datasheet HTML 42Page - STMicroelectronics L6714 Datasheet HTML 43Page - STMicroelectronics L6714 Datasheet HTML 44Page - STMicroelectronics L6714 Datasheet HTML 45Page - STMicroelectronics L6714 Datasheet HTML 46Page - STMicroelectronics L6714 Datasheet HTML 47Page - STMicroelectronics L6714 Datasheet HTML 48Page - STMicroelectronics L6714 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
L6714
Soft start
45/70
Figure 16. Soft-start time for AMD mode
0
0.5
1
1.5
2
2.5
3
3.5
4
0
200
400
600
800
1000
Rosc [kOhms] to SGND
150
200
250
300
350
400
450
500
550
Time to 1.6000V
Time to 1.1000V
Switching Frequency per phase
0
0.5
1
1.5
2
2.5
3
3.5
4
0
200
400
600
800
1000
Rosc [kOhms] to SGND
150
200
250
300
350
400
450
500
550
Time to 1.6000V
Time to 1.1000V
Switching Frequency per phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com