Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6714
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6714 Datasheet HTML 8Page - STMicroelectronics L6714 Datasheet HTML 9Page - STMicroelectronics L6714 Datasheet HTML 10Page - STMicroelectronics L6714 Datasheet HTML 11Page - STMicroelectronics L6714 Datasheet HTML 12Page - STMicroelectronics L6714 Datasheet HTML 13Page - STMicroelectronics L6714 Datasheet HTML 14Page - STMicroelectronics L6714 Datasheet HTML 15Page - STMicroelectronics L6714 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
Pin settings
L6714
12/70
60
PGND1
Channel 1 LS Driver return path. Connect to Power ground Plane.
61
LGATE1
Channel 1 LS Driver Output.A small series resistor helps in reducing device-
dissipated power.
62
VCCDR1
Channel 1 LS Driver Supply.
It must be connected to others VCCDRx pins.
LS Driver supply can range from 5Vbus up to 12Vbus, filter with 1µF MLCC cap
vs. PGND1.
63
PHASE1
Channel 1 HS driver return path.
It must be connected to the HS1 mosfet source and provides return path for the
HS driver of channel 1.
64
N.C.
Not internally connected.
PAD
THERMAL
PAD
Thermal pad connects the Silicon substrate and makes good thermal contact
with the PCB to dissipate the power necessary to drive the external mosfets.
Connect to the PGND plane with several VIAs to improve thermal conductivity.
Table 1.
Pin functions
N°
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com