Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714 Datasheet(PDF) 58 Page - STMicroelectronics

Part # L6714
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L6714 Datasheet HTML 54Page - STMicroelectronics L6714 Datasheet HTML 55Page - STMicroelectronics L6714 Datasheet HTML 56Page - STMicroelectronics L6714 Datasheet HTML 57Page - STMicroelectronics L6714 Datasheet HTML 58Page - STMicroelectronics L6714 Datasheet HTML 59Page - STMicroelectronics L6714 Datasheet HTML 60Page - STMicroelectronics L6714 Datasheet HTML 61Page - STMicroelectronics L6714 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 70 page
background image
System control loop compensation
L6714
58/70
Where:
●
RSENSE is the MOSFET RdsON or the Inductor DCR depending on the sensing element
selected;
●
is the equivalent output resistance determined by the droop
function;
●
ZP(s) is the impedance resulting by the parallel of the output capacitor (and its ESR)
and the applied load RO;
●
ZF(s) is the compensation network impedance;
●
ZL(s) is the parallel of the N inductor impedance;
●
A(s) is the error amplifier gain;
●
is the PWM transfer function where
∆VOSC is the oscillator ramp
amplitude and has a typical value of 4V.
Removing the dependence from the Error Amplifier gain, so assuming this gain high
enough, and with further simplifications, the control loop gain results:
The system Control Loop gain (See Figure 23) is designed in order to obtain a high DC gain
to minimize static error and to cross the 0dB axes with a constant -20dB/dec slope with the
desired crossover frequency
ωT. Neglecting the effect of ZF(s), the transfer function has one
zero and two poles; both the poles are fixed once the output filter is designed (LC filter
resonance
ωLC) and the zero (ωESR) is fixed by ESR and the Droop resistance.
Figure 23. Equivalent control loop block diagram (left) and bode diagram (right).
To obtain the desired shape an RF - CF series network is considered for the ZF(s)
implementation. A zero at
ωF = 1/RFCF is then introduced together with an integrator. This
integrator minimizes the static error while placing the zero
ωF in correspondence with the L-
C resonance assures a simple -20dB/dec shape of the gain.
In fact, considering the usual value for the output filter, the LC resonance results to be at
frequency lower than the above reported zero.
R
DROOP
R
SENSE
Rg
---------------------
R
FB
⋅
=
PWM
4
5
---
V
IN
∆V
OSC
-------------------
⋅
=
G
LOOP
s
()
4
5
---
V
IN
∆V
OSC
----------------------
Z
F
s
()
R
FB
---------------
R
O
R
DROOP
+
R
O
R
L
N
-------
+
--------------------------------------------
1s
C
O
R
DROOP
//R
O
ESR
+
()
⋅⋅
+
s
2
C
O
L
N
-----
⋅⋅
s
L
N
R
O
⋅
----------------------
C
O
ESR
⋅
C
O
R
L
N
-------
⋅
++
1
+
⋅
+
-------------------------------------------------------------------------------------------------------------------------------------------------------------
⋅⋅
⋅
⋅
–
=
VID
FB
COMP
VSEN
FBR
FBG
64k
64k
64k
RF
CF
RFB
DROOP
PWM
L / N
ESR
CO
RO
d VOUT
VOUT
VOUT
ZF(s)
ZFB(s)
REMOTE BUFFER
dB
ω
ZF(s)
GLOOP(s)
K
ω
LC = ωF
ω
ESR
ω
T
RF[dB]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com