Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6714
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6714 Datasheet HTML 15Page - STMicroelectronics L6714 Datasheet HTML 16Page - STMicroelectronics L6714 Datasheet HTML 17Page - STMicroelectronics L6714 Datasheet HTML 18Page - STMicroelectronics L6714 Datasheet HTML 19Page - STMicroelectronics L6714 Datasheet HTML 20Page - STMicroelectronics L6714 Datasheet HTML 21Page - STMicroelectronics L6714 Datasheet HTML 22Page - STMicroelectronics L6714 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
L6714
VID Tables
19/70
5.3
Voltage Identifications (VID) for Intel VR10 mode + 6.25mV
(VID7 does not care)
3
8
1.26250
7
8
0.86250
B
8
0.46250
F
8
0.06250
3
9
1.25625
7
9
0.85625
B
9
0.45625
F
9
0.05625
3
A
1.25000
7
A
0.85000
B
A
0.45000
F
A
0.05000
3
B
1.24375
7
B
0.84375
B
B
0.44375
F
B
0.04375
3
C
1.23750
7
C
0.83750
B
C
0.43750
F
C
0.03750
3
D
1.23125
7
D
0.83125
B
D
0.43125
F
D
0.03125
3
E
1.22500
7
E
0.82500
B
E
0.42500
F
E
OFF
3
F
1.21875
7
F
0.81875
B
F
0.41875
F
F
OFF
1.
According to VR11 specs, the device automatically regulates output voltage 19mV lower to avoid any
external offset to modify the built-in 0.5% accuracy improving TOB performances. Output regulated voltage
is than what extracted from the table lowered by 19mV built-in offset.
Table 6.
Voltage Identification (VID) for Intel VR11 mode (See Note).
HEX Code
Output
voltage
(1)
HEX Code
Output
voltage
(1)
HEX Code
Output
voltage
(1)
HEX Code
Output
voltage
(1)
Table 7.
Voltage identifications (VID) for Intel VR10 mode + 6.25mV (See Note).
VID
4
VID
3
VID
2
VID
1
VID
0
VID
5
VID
6
Output
voltage
(1)
VID
4
VID
3
VID
2
VID
1
VID
0
VID
5
VID
6
Output
voltage
(1)
0101011
1.60000
110101
1
1.20000
0101010
1.59375
110101
0
1.19375
0101101
1.58750
110110
1
1.18750
0101100
1.58125
110110
0
1.18125
0101111
1.57500
110111
1
1.17500
0101110
1.56875
110111
0
1.16875
0110001
1.56250
111000
1
1.16250
0110000
1.55625
111000
0
1.15625
0110011
1.55000
111001
1
1.15000
0110010
1.54375
111001
0
1.14375
0110101
1.53750
111010
1
1.13750
0110100
1.53125
111010
0
1.13125
0110111
1.52500
111011
1
1.12500
0110110
1.51875
111011
0
1.11875
0111001
1.51250
111100
1
1.11250
0111000
1.50625
111100
0
1.10625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com