Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6714 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6714
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6714 Datasheet HTML 3Page - STMicroelectronics L6714 Datasheet HTML 4Page - STMicroelectronics L6714 Datasheet HTML 5Page - STMicroelectronics L6714 Datasheet HTML 6Page - STMicroelectronics L6714 Datasheet HTML 7Page - STMicroelectronics L6714 Datasheet HTML 8Page - STMicroelectronics L6714 Datasheet HTML 9Page - STMicroelectronics L6714 Datasheet HTML 10Page - STMicroelectronics L6714 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
L6714
Pin settings
7/70
2.2
Functions
Table 1.
Pin functions
N°
Pin
Function
1UGATE1
Channel 1 HS driver output.
A small series resistors helps in reducing device-dissipated power.
2BOOT1
Channel 1 HS driver supply.
Connect through a capacitor (100nF typ.) to PHASE1 and provide necessary
Bootstrap diode.
A small resistor in series to the boot diode helps in reducing Boot capacitor
overcharge.
3
N.C.
Not internally connected.
4
PHASE3
Channel 3 HS driver return path.
It must be connected to the HS3 mosfet source and provides return path for the
HS driver of channel 3.
5UGATE3
Channel 3 HS driver output.
A small series resistors helps in reducing device-dissipated power.
6BOOT3
Channel 3 HS driver supply.
Connect through a capacitor (100nF typ.) to PHASE3 and provide necessary
Bootstrap diode.
A small resistor in series to the boot diode helps in reducing Boot capacitor
overcharge.
7
N.C.
Not internally connected.
8
PHASE2
Channel 2 HS driver return path.
It must be connected to the HS2 mosfet source and provides return path for the
HS driver of channel 2.
9UGATE2
Channel 2 HS driver output.
A small series resistors helps in reducing device-dissipated power.
10
BOOT2
Channel 2 HS driver supply.
Connect through a capacitor (100nF typ.) to PHASE2 and provide necessary
Bootstrap diode.
A small resistor in series to the boot diode helps in reducing Boot capacitor
overcharge.
11
N.C.
Not internally connected.
12
PHASE4
Channel 4 HS driver return path.
It must be connected to the HS4 mosfet source and provides return path for the
HS driver of channel 4.
13
UGATE4
Channel 4 HS driver output.
A small series resistors helps in reducing device-dissipated power.
14
BOOT4
Channel 4 HS driver supply.
Connect through a capacitor (100nF typ.) to PHASE4 and provide necessary
Bootstrap diode.
A small resistor in series to the boot diode helps in reducing Boot capacitor
overcharge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com