Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6910
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6910 Datasheet HTML 2Page - STMicroelectronics L6910 Datasheet HTML 3Page - STMicroelectronics L6910 Datasheet HTML 4Page - STMicroelectronics L6910 Datasheet HTML 5Page - STMicroelectronics L6910 Datasheet HTML 6Page - STMicroelectronics L6910 Datasheet HTML 7Page - STMicroelectronics L6910 Datasheet HTML 8Page - STMicroelectronics L6910 Datasheet HTML 9Page - STMicroelectronics L6910 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
L6910 - L6910A
6/29
4.2 Reference
A precise ±1.5% 0.9V reference is available. This reference must be filtered with 1nF ceramic capacitor to avoid
instability in the internal linear regulator. It is able to deliver up to 100
µA and may be used as reference for the
device regulation and also for other devices. If forced under 70% of its nominal value, the device enters in Hic-
cup mode until this condition is removed.
Through the EAREF pin the reference for the regulation is taken. This pin directly connects the non-inverting
input of the error amplifier. An external reference (or the internal 0.9V ±1.5%) may be used. The input for this
pin can range from 0.9V to 3V. It has an internal pull-down (300k
Ω resistor) that forces the device shutdown if
no reference is connected (pin floating). However the device is shut down if the voltage on the EAREF pin is
lower than 650mV (typ).
4.3 Soft Start
At start-up a ramp is generated charging the external capacitor CSS with an internal current generator. The initial
value for this current is of 35
µA and speeds-up the charge of the capacitor up to 0.5V. After that it becames
10
µA until the final charge value of approximatively 4V.
When the voltage across the soft start capacitor (VSS) reaches 0.5V the lower power MOS is turned on to dis-
charge the output capacitor. As VSS reaches 1.1V (i.e. the oscillator triangular wave inferior limit) also the upper
MOS begins to switch and the output voltage starts to increase.
No switching activity is observable if SS is kept lower than 0.5V and both mosfets are off.
If VCC and OCSET pins are not above their own turn-on thresholds and VEAREF is not above 650mV, the Soft-
Start will not take place, and the relative pin is internally shorted to GND. During normal operation, if any under-
voltage is detected on one of the two supplies, the SS pin is internally shorted to GND and so the SS capacitor
is rapidly discharged.
Figure 5. Soft Start (with Reference Present)
4.4 Driver Section
The driver capability on the high and low side drivers allows using different types of power MOS (also multiple
MOS to reduce the RDSON), maintaining fast switching transition.
The low-side mos driver is supplied directly by Vcc while the high-side driver is supplied by the BOOT pin.
Adaptative dead time control is implemented to prevent cross-conduction and allow to use several kinds of mos-
fets. The upper mos turn-on is avoided if the lower gate is over about 200mV while the lower mos turn-on is
Timing Diagram
Vcc Turn-on threshold
Vin Turn-on threshold
0.5V
1V
Vcc
Vin
Vss
LGATE
Vout
to GND
Acquisition: CH1 = PHASE; CH2 = Vout;
CH3 = PGOOD; CH4 = Vss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com