Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6910
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6910 Datasheet HTML 21Page - STMicroelectronics L6910 Datasheet HTML 22Page - STMicroelectronics L6910 Datasheet HTML 23Page - STMicroelectronics L6910 Datasheet HTML 24Page - STMicroelectronics L6910 Datasheet HTML 25Page - STMicroelectronics L6910 Datasheet HTML 26Page - STMicroelectronics L6910 Datasheet HTML 27Page - STMicroelectronics L6910 Datasheet HTML 28Page - STMicroelectronics L6910 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
25/29
L6910 - L6910A
Figure 33. Efficiency vs. Output Current
C9
15nF
KEMET
SMD0805
C10
1.5nF
KEMET
SMD0805
Reference
Description
Manufacturer
C11
47nF
KEMET
SMD0805
G1
Open
Jumper
L1
2.5
µH (77121A7 Core, Double winding 7 AWG16)
MAGNETICS
Q1,Q2
STS11NF30L
ST
SO8
D1
1N4148
SOT23
D2
STPS3L25U ( STPS340U)
ST
SMB (D0144)
U1
Device L6910
ST
SO16 Narrow
Table 14. Part List (continued)
82
84
86
88
90
92
94
11.522.5
3
Output Current
(A)
Vcc=5V
Vout=
-5V
Fsw=200KHz
Vin=5V
Vin=3.3V
82
84
86
88
90
92
94
11.522.5
3
Output Current
(A)
Vcc=5V
Vout=
-5V
Fsw=200KHz
Vin=5V
Vin=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com