Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910ATR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6910ATR
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910ATR Datasheet(HTML) 1 Page - STMicroelectronics

  L6910ATR Datasheet HTML 1Page - STMicroelectronics L6910ATR Datasheet HTML 2Page - STMicroelectronics L6910ATR Datasheet HTML 3Page - STMicroelectronics L6910ATR Datasheet HTML 4Page - STMicroelectronics L6910ATR Datasheet HTML 5Page - STMicroelectronics L6910ATR Datasheet HTML 6Page - STMicroelectronics L6910ATR Datasheet HTML 7Page - STMicroelectronics L6910ATR Datasheet HTML 8Page - STMicroelectronics L6910ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1/29
L6910
L6910A
May 2005
1
FEATURES
OPERATING SUPPLY VOLTAGE FROM 5V
TO 12V BUSES
UP TO 1.3A GATE CURRENT CAPABILITY
ADJUSTABLE OUTPUT VOLTAGE
N-INVERTING E/A INPUT AVAILABLE
0.9V ±1.5% VOLTAGE REFERENCE
VOLTAGE MODE PWM CONTROL
VERY FAST LOAD TRANSIENT RESPONSE
0% TO 100% DUTY CYCLE
POWER GOOD OUTPUT
OVERVOLTAGE PROTECTION
HICCUP OVERCURRENT PROTECTION
200kHz INTERNAL OSCILLATOR
OSCILLATOR EXTERNALLY ADJUSTABLE
FROM 50kHz TO 1MHz
SOFT START AND INHIBIT
PACKAGES: SO-16 & HTSSOP16
2
APPLICATIONS
SUPPLY FOR MEMORIES AND TERMI-
NATIONS
COMPUTER ADD-ON CARDS
LOW VOLTAGE DISTRIBUTED DC-DC
MAG-AMP REPLACEMENT
3
DESCRIPTION
The device is a pwm controller for high performance
dc-dc conversion from 3.3V, 5V and 12V buses.
The output voltage is adjustable down to 0.9V;
higher voltages can be obtained with an external
voltage divider.
High peak current gate drivers provide for fast switch-
ing to the external power section, and the
output
current can be in excess of 20A.
The device assures protections against load overcur-
rent and overvoltage. An internal crowbar is also pro-
vided turning on the low side mosfet as long as the
over-voltage is detected. In case of over-current de-
tection, the soft start capacitor is discharged and the
system works in HICCUP mode.
ADJUSTABLE STEP DOWN CONTROLLER
WITH SYNCHRONOUS RECTIFICATION
Figure 2. Block Diagram
MONITOR
PROTECTION
& REF
OSC
E/A
PWM
UGATE
BOOT
BOOT
LGATE
PGND
GND
VFB
SS
OSC
EAREF
RT
VREF
PGOOD
VCC
OCSET
COMP
+
-
-
+
VO
Vin 5V to 12V
D03IN1509
Rev. 9
Figure 1. Packages
Table 1. Order Codes
Part Number
Package
L6910
SO-16
L6910TR
SO-16 in Tape & Reel
L6910A
HTSSOP16
L6910ATR
HTSSOP16 in Tape & Reel
SO-16 (Narrow)
HTSSOP16 (Exposed Pad)


Similar Part No. - L6910ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910ATR STMICROELECTRONICS-L6910ATR Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
More results

Similar Description - L6910ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
Adjustable step-down controller with synchronous rectification
26-Jun-2006
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
Adjustable step-down controller with synchronous rectification
07-Jun-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6731B STMICROELECTRONICS-L6731B Datasheet
351Kb / 24P
Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
26-Jun-2006
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
Adjustable step-down controller with synchronous rectification
25-Sep-2006
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6731D STMICROELECTRONICS-L6731D Datasheet
388Kb / 23P
Adjustable step-down controller with synchronous rectification dedicated to DDR memory
04-Jun-2008
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
Adjustable step-down controller with synchronous rectification
04-Jun-2008
L6730 STMICROELECTRONICS-L6730_09 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
07-Dec-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com