Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911ETR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6911ETR
Description  5-Bit programmable step down controller with synchronous rectification
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911ETR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6911ETR Datasheet HTML 18Page - STMicroelectronics L6911ETR Datasheet HTML 19Page - STMicroelectronics L6911ETR Datasheet HTML 20Page - STMicroelectronics L6911ETR Datasheet HTML 21Page - STMicroelectronics L6911ETR Datasheet HTML 22Page - STMicroelectronics L6911ETR Datasheet HTML 23Page - STMicroelectronics L6911ETR Datasheet HTML 24Page - STMicroelectronics L6911ETR Datasheet HTML 25Page - STMicroelectronics L6911ETR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Device description
L6911E
22/34
Equation 18
Where:
τ
1 = R4 × C20, τ2 = (R4+R3) × C20 and τd = Rd × C25.
The regulator transfer function became now:
Equation 19
Figure 10 on page 21 shows a method to select the regulator components (please note that
the frequencies fEC and fCC corresponds to the singularities introduced by additional
ceramic capacitors in parallel to the output main electrolytic capacitor).
●
To obtain a flat frequency response of the output impedance, the droop time constant
τ
d has to be equal to the inductor time constant (see the note at the end of the section):
Equation 20
●
To obtain a constant -20dB/dec Gloop(s) shape the singularity f1 and f2 are placed in
proximity of fCE and fLC respectively. This implies that:
Equation 21
●
To obtain a Gloop bandwidth of fC, results:
Equation 22
Rd
1
s
--- C25
⋅⋅
Rd
1
s
---
+
C25
⋅
---------------------------------
R4
1
s
--- C20
⋅
+
⎝⎠
⎛⎞
R3
⋅
R4
1
s
--- C20
⋅
+
⎝⎠
⎛⎞
R3
+
-----------------------------------------------------
+
Rd 1
s
τ
1
τ
d
+
() s
2
R3
R
d
--------
τ
1
τ
d
⋅⋅
⋅
+
⋅
+
⎝⎠
⎛⎞
1s
τ
2
⋅
+
() 1s τ
d
⋅
+
()
⋅
--------------------------------------------------------------------------------------------------
Rd
1s
R3
R
d
--------
τ
d
⋅
+
⎝⎠
⎛⎞
1
(
⋅
1s
τ
2
⋅
+
() 1 +
(
⋅
----------------------------------------------
=
=
Rs
()
1s
τ
2
⋅
+
() 1s τ
d
⋅
+
()
⋅
sC18 R
d
1s
R3
R
d
--------
τ
d
⋅
+
⎝⎠
⎛⎞
1s
τ
1
⋅
+
()
⋅⋅
⋅
⋅
-------------------------------------------------------------------------------------------------------
≈
τ
d
R
d
C25
⋅
L
R
L
-------
τ
L
C25
⇒
L
R
L
R
d
⋅
()
-----------------------
==
=
=
f
2
f
1
----
f
LC
f
CE
--------
R4
⇒
R3
f
LC
f
CE
--------
1
–
⎝⎠
⎛⎞
⋅
==
f1
f
CE
C20
1
2
---
π R4 f
CE
⋅
⋅⋅
=
⇒
=
f
LC
1f
C
G
0
⇒
⋅
A
0
R
0
⋅
VIN
Vosc
∆
------------------
C20 // C25
C18
-----------------------------
⋅
f
C
f
LC
--------
C18
⇒
VIN
Vosc
∆
------------------
C20 C25
⋅
C20
C25
+
-----------------------------
⋅
==
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com