Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911ETR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6911ETR
Description  5-Bit programmable step down controller with synchronous rectification
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911ETR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6911ETR Datasheet HTML 21Page - STMicroelectronics L6911ETR Datasheet HTML 22Page - STMicroelectronics L6911ETR Datasheet HTML 23Page - STMicroelectronics L6911ETR Datasheet HTML 24Page - STMicroelectronics L6911ETR Datasheet HTML 25Page - STMicroelectronics L6911ETR Datasheet HTML 26Page - STMicroelectronics L6911ETR Datasheet HTML 27Page - STMicroelectronics L6911ETR Datasheet HTML 28Page - STMicroelectronics L6911ETR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
L6911E
VRM demo board description
25/34
6.1
Efficiency
The measured efficiency versus load current at different output voltages is shown in
Figure 13. In the application two Mosfets STS12NF30L (30V, 8.5m
Ω typ with V
GS = 12V)
connected in parallel are used for the High Side, while three of them are used for the Low
Side.
Figure 13. Efficiency vs. load current
6.2
Inductor design
Since the maximum output current is 28.5A, to have a 20% ripple (5A) the inductor chosen
is 1.5
µH.
6.3
Output capacitor
In the demo six OSCON capacitors, model 6SP680M, are used, with a maximum ESR equal
to 12m
Ω each. Therefore the resultant ESR is of 2mΩ. For load transient of 28.5A in the
worst case the voltage drop is of:
Equation 24
The voltage drop due to the capacitor discharge during load transient, considering that the
maximum duty cicle is equal to 100% results in 46.5mV with 1.85V of programmed output.
40
50
60
70
80
90
0
5
10
15
20
25
Output Current [A]
Vout = 1.825V
Vout = 1.225V
Vout = 1.500V
∆Vout = 28.5 * 0.002 = 57mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com