Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3112 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT3112
Description  500mA High Efficiency Charge Pump for White LED Flash Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3112 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT3112_07 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3112_07 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3112_07 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3112_07 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3112_07 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3112_07 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3112_07 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3112_07 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3112_07 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristics1
VIN = 3.3V, VOUT = 5.0V, CIN = COUT = 10μF, C1 = C2 = 1.0μF; TA = -40°C to +85°C, unless otherwise noted.
Typical values are TA = 25°C.
Symbol
Description
Conditions
Min
Typ Max Units
AAT3112-4.5
Input Power Supply
VIN
Operation Range
2.7
4.5
V
IQ
Quiescent Current2
2.7
≤ VIN ≤ 4.5, IOUT = 0mA; EN1 = EN2 = VIN
26
60
μA
ISHDN
Shutdown Current
EN1 = EN2 = 0
1.0
μA
IOUT
Pulsed Output Current
VIN = 3.6V; VOUT = 4.0V; TPULSE = 50ms
590
mA
VIN = 3.6V; VOUT = 4.0V; TPULSE = 500ms
500
VOUT
Output Voltage
2.7
≤ VIN ≤ 4.5, IOUT = 100mA
4.32
4.5
4.68
V
3.0
≤ VIN ≤ 4.5, IOUT = 200mA
4.32
4.5
4.68
Charge Pump Section
FCLK
Clock Frequency
750
kHz
ηCP
Charge Pump Efficiency VIN = 2.7V; IOUT = 100mA
80
%
EN
VEN(L)
Enable Threshold Low
0.3
V
VEN(H)
Enable Threshold High
1.4
V
IEN
EN Input Leakage
-1.0
1.0
μA
AAT3112-5.0
Input Power Supply
VIN
Operation Range
2.7
5.0
V
IQ
Quiescent Current2
2.7
≤ VIN ≤ 5.0, IOUT = 0mA; EN1 = EN2 = VIN
26
60
μA
ISHDN
Shutdown Current
EN1 = EN2 = 0
1.0
μA
IOUT
Pulsed Output Current
VIN = 3.6V; VOUT = 4.5V; TPULSE = 50ms
600
mA
VIN = 3.6V; VOUT = 4.5V; TPULSE = 500ms
500
VOUT
Output Voltage
2.7
≤ VIN ≤ 5.0, IOUT = 100mA
4.8
5.0
5.2
V
3.0
≤ VIN ≤ 5.0, IOUT = 200mA
4.8
5.0
5.2
Charge Pump Section
FCLK
Clock Frequency
750
kHz
ηCP
Charge Pump Efficiency VIN = 2.7V; IOUT = 100mA
85
%
EN
VEN(L)
Enable Threshold Low
0.3
V
VEN(H)
Enable Threshold High
1.4
V
IEN
EN Input Leakage
-1.0
1.0
μA
AAT3112
500mA High Efficiency Charge Pump
for White LED Flash Applications
4
3112.2007.01.1.5
1. The AAT3112 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.
2. VOUT1 and VOUT2 are pulled high to prevent switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com