Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3112 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT3112
Description  500mA High Efficiency Charge Pump for White LED Flash Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3112 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT3112_07 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3112_07 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3112_07 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3112_07 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3112_07 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3112_07 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3112_07 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3112_07 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3112_07 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AAT3112
500mA High Efficiency Charge Pump
for White LED Flash Applications
3112.2007.01.1.5
7
Typical Characteristics-AAT3112-4.5V
VIN = 3.5V, CIN = COUT = 10μF, C1 = C2 = 1μF; TA = 25°C, unless otherwise noted.
Output Current vs. Input Voltage (70°C)
(VOUT > 4.0V)
Input Voltage (V)
0
100
200
300
400
500
600
700
800
2.5
3.0
3.5
4.0
4.5
50ms
100ms
200ms 300ms
500ms
Output Current vs. Input Voltage
(500ms Pulse Time; VOUT > 4.0V)
Input Voltage (V)
0
100
200
300
400
500
600
700
800
2.5
3
3.5
4
4.5
Input and Output Ripples
(IOUT = 100mA @ VIN = 3.5V)
Time (5µs/div)
VOUT
AC Coupled
(20mV/div)
VIN
AC Coupled
(20mV/div)
Input and Output Ripples
(IOUT = 50mA @ VIN = 3.5V)
Time (5µs/div)
VOUT
AC Coupled
(20mV/div)
VIN
AC Coupled
(20mV/div)
Load Transient Response
(VIN = 4.2V)
Time (50µs/div)
IOUT
(200mA/div)
VOUT
(20mV/div)
Load Transient Response
(VIN = 3.0V)
Time (50µs/div)
IOUT
(200mA/div)
VOUT
(20mV/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com