Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND10B Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND10B
Description  DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND10B Datasheet(HTML) 1 Page - STMicroelectronics

  VND10B Datasheet HTML 1Page - STMicroelectronics VND10B Datasheet HTML 2Page - STMicroelectronics VND10B Datasheet HTML 3Page - STMicroelectronics VND10B Datasheet HTML 4Page - STMicroelectronics VND10B Datasheet HTML 5Page - STMicroelectronics VND10B Datasheet HTML 6Page - STMicroelectronics VND10B Datasheet HTML 7Page - STMicroelectronics VND10B Datasheet HTML 8Page - STMicroelectronics VND10B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
June 2004
VND10B
DOUBLE CHANNEL
HIGH SIDE SMART POWER SOLID STATE RELAY
REV. 2
Table 1. General Features
Note: 1. In= Nominal current according to ISO definition for high
side automotive switch. The Nominal Current is the
current at Tc = 85 °C for battery voltage of 13V which
produces a voltage drop of 0.5 V.
■ OUTPUT CURRENT (CONTINUOUS):
14 A @ Tc=85°C PER CHANNEL
■ 5V LOGIC LEVEL COMPATIBLE INPUT
■ THERMAL SHUT-DOWN
■ UNDER VOLTAGE PROTECTION
■ OPEN DRAIN DIAGNOSTIC OUTPUT
■ INDUCTIVE LOAD FAST DEMAGNETIZATION
■ VERY LOW STAND-BY POWER
DISSIPATION
DESCRIPTION
The VND10B is a monolithic device made using
STMicroelectronics
VIPower
Technology,
intended for driving resistive or inductive loads
with one side grounded. This device has two
channels, and a common diagnostic. Built-in
thermal shut-down protects the chip from over
temperature and short circuit.
The status output provides an indication of open
load in on state, open load in off state,
overtemperature conditions and stuck-on to VCC.
Figure 1. Package
Table 2. Order Codes
Type
VDSS
RDS(on)
In
(1)
VCC
VND10B
40 V
0.1
Ω
3.4 A
26 V
PENTAWATT
(vertical)
PENTAWATT
(horizontal)
PENTAWATT
(in-line)
Package
Tube
Tape and Reel
PENTAWATT Vert.
VND10B
–
PENTAWATT Hor.
VND10B(011Y)
–
PENTAWATT In line
VND10B(012Y)
–


Similar Part No. - VND10B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND10B STMICROELECTRONICS-VND10B Datasheet
186Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VND10B STMICROELECTRONICS-VND10B Datasheet
222Kb / 13P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VND10B-11-E STMICROELECTRONICS-VND10B-11-E Datasheet
222Kb / 13P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VND10B011Y STMICROELECTRONICS-VND10B011Y Datasheet
186Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VND10B012Y STMICROELECTRONICS-VND10B012Y Datasheet
186Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
More results

Similar Description - VND10B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
VND05B STMICROELECTRONICS-VND05B Datasheet
87Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Nov-1999
VND10B STMICROELECTRONICS-VND10B Datasheet
186Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VND05B-E STMICROELECTRONICS-VND05B-E Datasheet
264Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Nov-1999
VND10B-11-E STMICROELECTRONICS-VND10B-11-E Datasheet
222Kb / 13P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com