Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND10B Datasheet(PDF) 5 Page - STMicroelectronics

Part # VND10B
Description  DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND10B Datasheet(HTML) 5 Page - STMicroelectronics

  VND10B Datasheet HTML 1Page - STMicroelectronics VND10B Datasheet HTML 2Page - STMicroelectronics VND10B Datasheet HTML 3Page - STMicroelectronics VND10B Datasheet HTML 4Page - STMicroelectronics VND10B Datasheet HTML 5Page - STMicroelectronics VND10B Datasheet HTML 6Page - STMicroelectronics VND10B Datasheet HTML 7Page - STMicroelectronics VND10B Datasheet HTML 8Page - STMicroelectronics VND10B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
VND10B
ELECTRICAL CHARACTERISTICS (cont’d)
Table 8. Protection and Diagnostics
Note: 5. IOL(off) = (VCC -VOL)/ROL (see figure 5)
6. tpovl tpol: ISO definition (see figure 6).
Figure 5. Note 5 relevant figure
Figure 6. Note 6 relevant figure
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSTAT
Status Voltage Output Low
ISTAT = 1.6 mA
0.4
V
VUSD
Under Voltage Shut Down
3.5
4.5
6
V
VSCL
Status Clamp Voltage
ISTAT = 10 mA
ISTAT = –10 mA
56
–0.7
7V
V
TTSD
Thermal Shut-down Temperature
140
160
180
°C
TSD(hyst.)
Thermal Shut-down Hysteresis
50
°C
TR
Reset Temperature
125
°C
VOL
(5)
Open Voltage Level
Off-State
2.5
4
5
V
IOL
Open Load Current Level
0.6
0.9
1.4
A
tpovl
(6)
Status Delay
5
10
µs
tpol
(6)
Status Delay
50
500
2500
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com