Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7405 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7405
Description  EQUALIZER CARRADIO SIGNAL PROCESSOR
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7405 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7405 Datasheet HTML 16Page - STMicroelectronics TDA7405 Datasheet HTML 17Page - STMicroelectronics TDA7405 Datasheet HTML 18Page - STMicroelectronics TDA7405 Datasheet HTML 19Page - STMicroelectronics TDA7405 Datasheet HTML 20Page - STMicroelectronics TDA7405 Datasheet HTML 21Page - STMicroelectronics TDA7405 Datasheet HTML 22Page - STMicroelectronics TDA7405 Datasheet HTML 23Page - STMicroelectronics TDA7405 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
TDA7405
20/57
5.10 Compander
5.10.1Signal-Compression
A fully integrated signal-compressor with programmable Attack- and Decay-times is present in the A631 (see
Figure 20). The compander consists of a signal-level detection, an A/D-Converter plus adder and the normal
SoftStep-Volume-stage. First of all the left and the right InGain-signal is rectified, respectively, and the logarithm
is build from the summed signal. The following low-pass smooth the output-signal of the logarithm-amplifier and
improves the low-frequency suppression. The low-pass output-voltage then is A/D-converted an added to the
current volume-word defined by the IIC-Bus. Assuming reference-level or higher at the compander input, the
output of the ADC is 0. At lower levels the voltage is increasing with 1 Bit/dB. It is obvious that with this config-
uration and a 0.5dB-step volume-stage the compression rate is fixed to 2:1 (1dB less at the input leads to 0.5dB
less at the output). The internal reference-level of the compander is programmable in three steps from 0.5VRMS
to 2VRMS. For a proper behavior of the compression-circuit it is mandatory to have at a 0dB input-signal exactly
the programmed reference-level after the InGain-stage. E.g. at a configured reference-level of 0.5VRMS the out-
put of the InGain-stage has to have also 0.5VRMS at 0dB source-signal (Usually the 0dB for CD is defined as
the maximum possible signal-level). To adapt the external level to the internal reference-level the programmable
attenuation in the differential-stages and the InGain can be used.
Figure 21. Compander Block Diagram
5.10.2Anti-Clipping
In a second application the compander-circuit can be used for a Anti-Clipping or Limiting function. In this case one of
the dedicated inputs (AM or MPin) is connected directly to the Clip-Detector of the Power-Amplifier. If no clipping is
detected, the open-collector output of the Power-Amplifier is highohmic and the input-voltage of the rectifier is VREF.
The level-detector interprets this as a very small signal and reacts with the maximum programmed compander-gain.
In the application this gain has to be compensated by decreasing the volume with the same value in order to get the
desired output-level. In clipping situation the open-collector-current generates a voltage-drop at the rectifier-input,
which forces the compander to decrease the gain until the clipping disappears.
It is even possible to run the compression-mode and the Anti-Clipping mode in parallel. In this case the maxi-
mum compander-Gain should be set to 29 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com