Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7405 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7405
Description  EQUALIZER CARRADIO SIGNAL PROCESSOR
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7405 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7405 Datasheet HTML 21Page - STMicroelectronics TDA7405 Datasheet HTML 22Page - STMicroelectronics TDA7405 Datasheet HTML 23Page - STMicroelectronics TDA7405 Datasheet HTML 24Page - STMicroelectronics TDA7405 Datasheet HTML 25Page - STMicroelectronics TDA7405 Datasheet HTML 26Page - STMicroelectronics TDA7405 Datasheet HTML 27Page - STMicroelectronics TDA7405 Datasheet HTML 28Page - STMicroelectronics TDA7405 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
25/57
TDA7405
7
NOTES TO THE CHARACTERISTICS
Note 1. Intermodulation Suppression
measured with: 91% pilot signal; fm = 10 kHz or 13 kHz.
Note 2. Traffic Radio (V.F.) Suppression
measured with: 91% stereo signal; 9% pilot signal; fm=1kHz; 5% subcarrier (f=57kHz, fm=23Hz AM, m=60%)
Note 3. SCA ( Subsidiary Communications Authorization )
measured with: 81% mono signal; 9% pilot signal; fm=1kHz; 10%SCA - subcarrier ( fs = 67kHz, unmodulated ).
α2fmod=10kHz, fspur=1kHz
65
dB
α3fmod=13kHz, fspur=1kHz
75
dB
Traffic Radio (Note 2)
α57
Signal f=57kHz
70
dB
SCA - Subsidiary Communications Authorization (Note 3)
α67
Signal f=67kHz
75
dB
ACI - Adjacent Channel Interference (Note 4)
α114
Signal f=114kHz
95
dB
α190
Signal f=190kHz
84
dB
Table 7. ELECTRICAL CHARACTERISTICS (continued)
VS = 9V, deemphasis time constant = 50µs, MPX input voltage VMPX = 500mV (75kHz deviation),
modulation frequency = 1kHz, input gain = 6dB, Tamb = 27°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
α2
V
o s i gna l
() at1kHz
()
V
o s pur io u s
() at1kHz
()
---------------------------------------------------------------- ƒ
s
;
210kHz
⋅
() 19kHz
–
==
α3
V
o s i gna l
() at1kHz
()
V
o s pur io u s
() at1kHz
()
---------------------------------------------------------------- ƒ
s
;
313kHz
⋅
() 38kHz
–
==
α57 V.W.F.
()
V
o s ig nal
() at1kHz
()
V
o s p uri ous
() at1kHz±23kHz
()
-------------------------------------------------------------------------------------
=
α67
V
o s i gn al
() at1kHz
()
V
o sp u r io u s
() at9kHz
()
---------------------------------------------------------------- ƒ
s
;
338kHz
⋅
() 67kHz
–
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com