Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7348 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7348
Description  Digitally controlled audio processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7348 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7348 Datasheet HTML 12Page - STMicroelectronics TDA7348 Datasheet HTML 13Page - STMicroelectronics TDA7348 Datasheet HTML 14Page - STMicroelectronics TDA7348 Datasheet HTML 15Page - STMicroelectronics TDA7348 Datasheet HTML 16Page - STMicroelectronics TDA7348 Datasheet HTML 17Page - STMicroelectronics TDA7348 Datasheet HTML 18Page - STMicroelectronics TDA7348 Datasheet HTML 19Page - STMicroelectronics TDA7348 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
TDA7348
Software specification
17/20
For example to select -47.81dB volume the data byte is: 1 1 0 1 1 0 0 1
Power on RESET: All bytes set to 1 1 1 1 1 1 1 0
Table 12.
Volume
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0.31dB Fine attenuation steps
0
0
0dB
0
1
-0.31dB
1
0
-0.62dB
1
1
-0.94dB
1.25dB Coarse attenuation steps
0
0
0
0dB
0
0
1
-1.25dB
0
1
0
-2.5dB
0
1
1
-3.75dB
1
0
0
-5dB
1
0
1
-6.25dB
1
1
0
-7.5dB
1
1
1
-8.75dB
10dB Gain / attenuation steps
0
0
0
20dB
0
0
1
10dB
0
1
0
0dB
0
1
1
-10dB
1
0
0
-20dB
1
0
1
-30dB
1
1
0
-40dB
1
1
1
-50dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com