Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7348 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7348
Description  Digitally controlled audio processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7348 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7348 Datasheet HTML 1Page - STMicroelectronics TDA7348 Datasheet HTML 2Page - STMicroelectronics TDA7348 Datasheet HTML 3Page - STMicroelectronics TDA7348 Datasheet HTML 4Page - STMicroelectronics TDA7348 Datasheet HTML 5Page - STMicroelectronics TDA7348 Datasheet HTML 6Page - STMicroelectronics TDA7348 Datasheet HTML 7Page - STMicroelectronics TDA7348 Datasheet HTML 8Page - STMicroelectronics TDA7348 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
January 2007
Rev 3
1/20
1
TDA7348
Digitally controlled audio processor
Features
Input multiplexer
Three stereo and one mono inputs
Selectable input gain for optimal
adaptation to different sources
Volume control in 0.3db steps including gain
up to 20dB
Zero crossing mute and direct mute
Pause detector with programmable threshold
Soft mute controlled by software or hardware
PIN
Bass and treble control
Four speaker attenuators
Four independent speakers control in
1.25dB steps for balance and fader
facilities
Independent mute function
All functions programmable via serial I2C bus
Description
The TDA7348 is an upgrade of the TDA7318
audioprocessor.
Thanks to the used BIPOLAR/CMOS technology,
very low distortion, low noise and DC-stepping
are obtained. Due to a highly linear signal
processing, using CMOS-switching techniques
instead of standard bipolar multipliers, very low
distortion and very low noise are obtained Several
new features like softmute, zero-crossing mute
and pause detector are implemented.
The Soft Mute function can be activated in two
ways, either via the serial bus (bit D0, Mute Byte),
or directly on pin 22 through an I/O line of the
microcontroller
Very low DC stepping is obtained by use of a
BICMOS technology.
SO-28
Order codes
Part number
Package
Packing
TDA7348D
SO-28
Tube
TDA7348D013TR
SO-28
Tape and reel
E-TDA7348D (1)
SO-28
Tube
E-TDA7348D013TR (1)
SO-28
Tape and reel
1.
This device is Pb-free Ecopack , see Chapter 5 Package information.
www.st.com


Similar Part No. - TDA7348

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7348 STMICROELECTRONICS-TDA7348 Datasheet
193Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1994
TDA7348D STMICROELECTRONICS-TDA7348D Datasheet
193Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1994
More results

Similar Description - TDA7348

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7343 STMICROELECTRONICS-TDA7343 Datasheet
100Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7348 STMICROELECTRONICS-TDA7348 Datasheet
193Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1994
TDA7437 STMICROELECTRONICS-TDA7437 Datasheet
181Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Dec-1999
TDA7438 STMICROELECTRONICS-TDA7438 Datasheet
150Kb / 17P
THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
Apr-1999
TDA7437N STMICROELECTRONICS-TDA7437N Datasheet
139Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Oct-2003
TDA7342 STMICROELECTRONICS-TDA7342_06 Datasheet
221Kb / 20P
Digitally controlled audio processor
20-Nov-2006
TDA7342EQ2N STMICROELECTRONICS-TDA7342EQ2N Datasheet
222Kb / 21P
Digitally controlled audio processor
03-Aug-2006
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
Digitally controlled audio processor
Dec-2006
logo
Princeton Technology Co...
PT2037 PTC-PT2037 Datasheet
259Kb / 6P
Digitally Controlled Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com