Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC166K Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC166K
Description  RAD-HARD 8 BIT PISO SHIFT REGISTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC166K Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC166K Datasheet HTML 1Page - STMicroelectronics M54HC166K Datasheet HTML 2Page - STMicroelectronics M54HC166K Datasheet HTML 3Page - STMicroelectronics M54HC166K Datasheet HTML 4Page - STMicroelectronics M54HC166K Datasheet HTML 5Page - STMicroelectronics M54HC166K Datasheet HTML 6Page - STMicroelectronics M54HC166K Datasheet HTML 7Page - STMicroelectronics M54HC166K Datasheet HTML 8Page - STMicroelectronics M54HC166K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
March 2004
s
HIGH SPEED:
fMAX =63MHz (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 166
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9306-043
DESCRIPTION
The M54HC166 is an high speed CMOS 8 BIT
PISO SHIFT REGISTER fabricated with silicon
gate C2MOS technology.
It consists of parallel or serial inputs and a
serial-out 8 bit shift register with gated clock inputs
and an overriding clear input. The parallel-in or
serial-in modes are controlled by the SHIFT/LOAD
input. When the SHIFT/LOAD input is held high,
the serial data input is enabled and the eight
flip-flops perform serial shifting with each clock
pulse; when held low, the parallel data inputs are
enabled and synchronous loading occurs on the
next clock pulse. Clocking is accomplished on the
low-to-high level edge of the clock pulse. The
CLOCK-INHIBIT input should be changed to the
high only while the clock input is held high. A direct
clear input overrides all other inputs, including the
clock, and sets all flip-flops to zero. Functional
details are shown in the truth table and the timing
chart. All inputs are equipped with protection
circuits against static discharge and transient
excess voltage.
M54HC166
RAD-HARD 8 BIT PISO SHIFT REGISTER
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC166D
M54HC166D1
FPC
M54HC166K
M54HC166K1
DILC-16
FPC-16


Similar Part No. - M54HC166K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC166K STMICROELECTRONICS-M54HC166K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC166K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT165 STMICROELECTRONICS-M54HCT165 Datasheet
277Kb / 13P
8 BIT PISO SHIFT REGISTER
Oct-1993
M54HC165 STMICROELECTRONICS-M54HC165 Datasheet
316Kb / 12P
RAD-HARD 8 BIT PISO SHIFT REGISTER
Mar-2004
M74HC165 STMICROELECTRONICS-M74HC165 Datasheet
475Kb / 12P
8 BIT PISO SHIFT REGISTER
Jul-2001
M54HC166 STMICROELECTRONICS-M54HC166 Datasheet
270Kb / 13P
8 BIT PISO SHIFT REGISTER
Oct-1992
M74HC166 STMICROELECTRONICS-M74HC166 Datasheet
506Kb / 12P
8 BIT PISO SHIFT REGISTER
Jul-2001
M54HC595 STMICROELECTRONICS-M54HC595_04 Datasheet
738Kb / 15P
RAD-HARD 8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
01-Jun-2004
M54HC597 STMICROELECTRONICS-M54HC597_04 Datasheet
513Kb / 14P
RAD-HARD 8 BIT LATCH/SHIFT REGISTER
01-Jun-2004
M54HC164 STMICROELECTRONICS-M54HC164_04 Datasheet
299Kb / 11P
RAD-HARD 8 BIT SIPO SHIFT REGISTER
Mar-2004
M74HC165 STMICROELECTRONICS-M74HC165_08 Datasheet
362Kb / 21P
8-bit PISO shift register
26-May-2008
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com