Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC161K1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC161K1
Description  RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC161K1 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC161K1 Datasheet HTML 1Page - STMicroelectronics M54HC161K1 Datasheet HTML 2Page - STMicroelectronics M54HC161K1 Datasheet HTML 3Page - STMicroelectronics M54HC161K1 Datasheet HTML 4Page - STMicroelectronics M54HC161K1 Datasheet HTML 5Page - STMicroelectronics M54HC161K1 Datasheet HTML 6Page - STMicroelectronics M54HC161K1 Datasheet HTML 7Page - STMicroelectronics M54HC161K1 Datasheet HTML 8Page - STMicroelectronics M54HC161K1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
March 2004
s
HIGH SPEED:
fMAX =62MHz (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 161
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9204-059
DESCRIPTION
The
M54HC161
is
an
high
speed
CMOS
SYNCHRONOUS 4-BIT BINARY PRESETTABLE
COUNTER fabricated with silicon gate C2MOS
technology.
The CLOCK input is active on the rising edge.
Both LOAD and CLEAR inputs are active LOW.
Presetting is synchronous on the rising edge of
the clock, the function is cleared asynchronously.
Two enable inputs (TE and PE) and CARRY
output are provided to enable easy cascading of
counters, which facilities easy implementation of
N-bit counters without using external gates.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC161
RAD-HARD SYNCHRONOUS
PRESETTABLE 4-BIT COUNTER
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC161D
M54HC161D1
FPC
M54HC161K
M54HC161K1
DILC-16
FPC-16


Similar Part No. - M54HC161K1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC161K STMICROELECTRONICS-M54HC161K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC161K1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC161 STMICROELECTRONICS-74AC161 Datasheet
101Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
74ACT161 STMICROELECTRONICS-74ACT161 Datasheet
97Kb / 11P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
M74HC161 STMICROELECTRONICS-M74HC161 Datasheet
961Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
74LVQ161 STMICROELECTRONICS-74LVQ161 Datasheet
379Kb / 14P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
29-Jul-2004
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
2001-Apr
M74HC163 STMICROELECTRONICS-M74HC163 Datasheet
898Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
M54HC160 STMICROELECTRONICS-M54HC160_04 Datasheet
663Kb / 12P
RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Mar-2004
M54HC163 STMICROELECTRONICS-M54HC163_04 Datasheet
643Kb / 12P
RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Mar-2004
M74HC160 STMICROELECTRONICS-M74HC160_01 Datasheet
966Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com