Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z2M1V Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48Z2M1V
Description  5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z2M1V Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48Z2M1V Datasheet HTML 8Page - STMicroelectronics M48Z2M1V Datasheet HTML 9Page - STMicroelectronics M48Z2M1V Datasheet HTML 10Page - STMicroelectronics M48Z2M1V Datasheet HTML 11Page - STMicroelectronics M48Z2M1V Datasheet HTML 12Page - STMicroelectronics M48Z2M1V Datasheet HTML 13Page - STMicroelectronics M48Z2M1V Datasheet HTML 14Page - STMicroelectronics M48Z2M1V Datasheet HTML 15Page - STMicroelectronics M48Z2M1V Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
M48Z2M1Y, M48Z2M1V
12/17
Table 7. Capacitance
Note: 1. Effective capacitance measured with power supply at 5V; sampled only, not 100% tested.
2. Outputs deselected.
3. At 25°C.
Table 8. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. Outputs deselected.
Symbol
Parameter(1,2)
Min
Max
Unit
CIN
Input Capacitance
40
pF
CIO
(3)
Input / Output Capacitance
40
pF
Sym
Parameter
Test Condition(1)
M48Z2M1Y
M48Z2M1V
Unit
Min
Max
Min
Max
ILI
(2)
Input Leakage Current
0V
≤ VIN ≤ VCC
±4
±4
µA
ILO
(2)
Output Leakage Current
0V
≤ VOUT ≤ VCC
±4
±4
µA
ICC
Supply Current
E = VIL,
Outputs open
140
70
mA
ICC1
Supply Current (Standby) TTL
E = VIH
10
2
mA
ICC2
Supply Current (Standby) CMOS
E
≥ VCC – 0.2V
81
mA
VIL
Input Low Voltage
–0.3
0.8
–0.3
0.6
V
VIH
Input High Voltage
2.2
VCC + 0.3
2.2
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
0.4
V
VOH
Output High Voltage
IOH = –1mA
2.4
2.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com