Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z2M1V Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48Z2M1V
Description  5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z2M1V Datasheet(HTML) 5 Page - STMicroelectronics

  M48Z2M1V Datasheet HTML 1Page - STMicroelectronics M48Z2M1V Datasheet HTML 2Page - STMicroelectronics M48Z2M1V Datasheet HTML 3Page - STMicroelectronics M48Z2M1V Datasheet HTML 4Page - STMicroelectronics M48Z2M1V Datasheet HTML 5Page - STMicroelectronics M48Z2M1V Datasheet HTML 6Page - STMicroelectronics M48Z2M1V Datasheet HTML 7Page - STMicroelectronics M48Z2M1V Datasheet HTML 8Page - STMicroelectronics M48Z2M1V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
M48Z2M1Y, M48Z2M1V
Figure 4. Block Diagram
OPERATION MODES
The M48Z2M1Y/V has its own Power-fail Detect
Circuit. The control circuitry constantly monitors
the single 5V supply for an out of tolerance condi-
tion. When VCC is out of tolerance, the circuit write
protects the SRAM, providing a high degree of
data security in the midst of unpredictable system
operations brought on by low VCC. As VCC falls be-
low approximately 3V, the control circuitry con-
nects the batteries which sustain data until valid
power returns.
Table 2. Operating Modes
Note: X = VIH or VIL; VSO = Battery Back-up Switchover Voltage.
1. See Table 10., page 13 for details.
AI02050
INTERNAL
BATTERIES
E
VCC
VSS
VOLTAGE SENSE
AND
SWITCHING
CIRCUITRY
2048K x 8
SRAM ARRAY
A0-A20
DQ0-DQ7
W
G
POWER
E
Mode
VCC
E
G
W
DQ0-DQ7
Power
Deselect
3.0 to 3.6V
or
4.5 to 5.5V
VIH
X
X
High Z
Standby
WRITE
VIL
X
VIL
DIN
Active
READ
VIL
VIL
VIH
DOUT
Active
READ
VIL
VIH
VIH
High Z
Active
Deselect
VSO to VPFD (min)
(1)
X
X
X
High Z
CMOS Standby
Deselect
≤ VSO(1)
X
X
X
High Z
Battery Back-up Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com