Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540NTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7540NTR
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540NTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7540NTR Datasheet HTML 15Page - STMicroelectronics TDA7540NTR Datasheet HTML 16Page - STMicroelectronics TDA7540NTR Datasheet HTML 17Page - STMicroelectronics TDA7540NTR Datasheet HTML 18Page - STMicroelectronics TDA7540NTR Datasheet HTML 19Page - STMicroelectronics TDA7540NTR Datasheet HTML 20Page - STMicroelectronics TDA7540NTR Datasheet HTML 21Page - STMicroelectronics TDA7540NTR Datasheet HTML 22Page - STMicroelectronics TDA7540NTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
TDA7540N
Electrical specifications
19/76
3.3.4
Stereodecoder
A
Max. gain
Mixer2 tank output
34
dB
ΔA
Gain control range
20
dB
Cmin
Min. cap step
IF2T
1.6
pF
Cmax
Max. cap
IF2T
24
pF
C62-63
IF2T
2
pF
IF noise blanking
tbl
Min. blanking time
8
μs
tbl
Max. blanking time
17
μs
Vth
Min internal threshold
10
12.5
15
mV
Vth
Max. internal threshold
150
187.5
225
mV
Vthstep
Threshold step
10
12.5
15
mV
Vdesth
Min. desensitivity threshold
2.9
3.2
3.5
V
Vdesth
Max. desensitivity threshold
3.6
4
4.4
V
Table 7.
AM section electrical characteristics (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
fRF = 98MHz, m= 30%, fMOD = 400kHz, fXtal = 10.25MHz, in application circuit, unless
otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 8.
Stereodecoder electrical characteristics
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
VMPX = 500mVrms mono, f = 1kHz, deemphasis = 50µs, fXtal = 10.25MHz, in application
circuit, unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Stereodecoder
Vin
MPX input level
STD Gain = 2.5 dB
0.5
0.93
Vrms
Rin
Input resistance
70
100
130
k
Ω
Gmin
Min. Stereodecoder gain
-0.5
0
0.5
dB
Gmax
Max. Stereodecoder gain
3.15
3.75
4.35
dB
Gstep
Stereodecoder gain step
resolution
1
1.25
1.5
dB
SVRR
Supply voltage ripple rejection Vripple = 100mV, f = 1kHz
54
60
dB
a
Max. channel separation
VMPX = 500mVrms stereo
only L/R
50
dB
THD
Total harmonic distortion
0.02
0.3
%
(S+N)/N
Signal plus Noise to Noise
ratio
A-weighted, 19kHz notch
85
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com