Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540NTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7540NTR
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540NTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7540NTR Datasheet HTML 19Page - STMicroelectronics TDA7540NTR Datasheet HTML 20Page - STMicroelectronics TDA7540NTR Datasheet HTML 21Page - STMicroelectronics TDA7540NTR Datasheet HTML 22Page - STMicroelectronics TDA7540NTR Datasheet HTML 23Page - STMicroelectronics TDA7540NTR Datasheet HTML 24Page - STMicroelectronics TDA7540NTR Datasheet HTML 25Page - STMicroelectronics TDA7540NTR Datasheet HTML 26Page - STMicroelectronics TDA7540NTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
TDA7540N
Electrical specifications
23/76
GAMdelay
AM delay filter attenuation
f = 2.2kHz
2.0
dB
Multipath detector
fCMP
Center frequency of multipath-
bandpass
stereo decoder locked on pilot
tone
19
kHz
GBPMP
Min. band pass gain
MPBPG
4
6
8
dB
GBPMP
Max. band pass gain
MPBPG
10
12
14
dB
GRECTMP
Min. rectifier gain
MPRG
-1
0
1
dB
GRECTMP
Max. rectifier gain
MPRG
4.5
7.6
9.5
dB
ICHMP
Rectifier charge current
MPCC = 0
0.5
0.8
1.2
μA
ICHMP
Rectifier charge current
MPCC = 1
0.2
0.4
0.6
μA
IDISMP
Rectifier discharge current
0.3
0.6
0.8
mA
Quality detector
a
Min. MP influence factor
QDC
0.5
0.6
0.7
aMax. MP influence factor
QDC
0.9
1.05
1.2
A
Min. noise influence factor
QNG
6
dB
A
Max. noise influence factor
QNG
15
dB
1.
Intermodulation Suppression
a2 = VO(signal,@1KHz) / VO(spurious, @1KHz) ; fs = (2x10KHz) - 19KHz
a3 = VO(signal,@1KHz) / VO(spurious, @1KHz) ; fs = (3x13KHz) - 38KHz
measured with: 91% stereo signal; 9% pilot signal; fm = 10kHz or 13kHz.
2.
Traffic Radio (V.F.) Suppression
a57(V,W,F) = VO(signal,@1KHz) / VO(spurious, @1KHz+/-23KHz)
measured with: 91% stereo signal; 9% pilot signal; fm=1kHz; 5% sub carrier (f=57kHz, fm=23Hz AM, m=60%)
3.
SCA ( Subsidiary Communications Authorization )
a67 = VO(signal,@1KHz) / VO(spurious, @9KHz) ; fs = (2x38KHz) - 67KHz
measured with: 81% mono signal; 9% pilot signal; fm=1kHz; 10%SCA – sub carrier ( fS = 67kHz, unmodulated ).
4.
ACI (Adjacent Channel Interference )
a114 = VO(signal,@1KHz) / VO(spurious, @4KHz) ; fs = 110KHz - (3x38KHz)
a190 = VO(signal,@1KHz) / VO(spurious, @4KHz) ; fs = 186KHz - (5x38KHz)
measured with: 90% mono signal; 9% pilot signal; fm=1kHz; 1% spurious signal ( fS = 110kHz or 186kHz, unmodulated).
5.
All thresholds are measured inTestmode at the quality output. The thresholds are calculated by
VNBTH - VPEAK
VPEAK is adjusted by applying a 150kHz sinewave at MPXIN.
Table 8.
Stereodecoder electrical characteristics (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
VMPX = 500mVrms mono, f = 1kHz, deemphasis = 50µs, fXtal = 10.25MHz, in application
circuit, unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com