Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7563AH Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7563AH
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics feature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563AH Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7563AH Datasheet HTML 7Page - STMicroelectronics TDA7563AH Datasheet HTML 8Page - STMicroelectronics TDA7563AH Datasheet HTML 9Page - STMicroelectronics TDA7563AH Datasheet HTML 10Page - STMicroelectronics TDA7563AH Datasheet HTML 11Page - STMicroelectronics TDA7563AH Datasheet HTML 12Page - STMicroelectronics TDA7563AH Datasheet HTML 13Page - STMicroelectronics TDA7563AH Datasheet HTML 14Page - STMicroelectronics TDA7563AH Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
TDA7563A
Electrical specifications
11/35
Figure 9.
Distortion vs. output power (4
Ω, HI-
EFF)
Figure 10. Distortion vs. output power (2
Ω,
STD)
Figure 11. Distortion vs. frequency (4
Ω)
Figure 12. Distortion vs. frequency (2
Ω)
Figure 13. Crosstalk vs. frequency
Figure 14. Supply voltage rejection vs.
frequency
0.001
0.01
0.1
1
10
0.1
1
10
100
Po (W)
THD (%)
HI - EFF MODE
VS = 14.4 V
RL = 4
Ω
f = 1 KHz
f = 10 KHz
AC00252
0.001
0.01
0.1
1
10
0.1
1
10
100
Po (W)
THD (%)
STANDARD MODE
VS = 14.4 V
RL = 2
Ω
f = 1 KHz
f = 10 KHz
AC00253
0.001
0.01
0.1
1
10
10
100
1000
10000
100000
f (Hz)
THD (%)
STANDARD MODE
VS = 14.4 V
RL = 4
Ω
Po = 4 W
AC00254
0.001
0.01
0.1
1
10
10
100
1000
10000
100000
f (Hz)
THD (%)
STANDARD MODE
VS = 14.4 V
RL = 2
Ω
Po = 8 W
AC00255
-100
-90
-80
-70
-60
-50
-40
-30
-20
10
100
1000
10000
100000
STANDARD MODE
RL = 4
Ω
Po = 4 W
Rg= 600
Ω
f (Hz)
CROSSTALK (dB)
AC00256
-100
-90
-80
-70
-60
-50
-40
-30
-20
10
100
1000
10000
100000
f (Hz)
SVR (dB)
STD & HE MODE
Rg = 600
Ω
Vripple = 1 Vrms
AC00257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com