Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7563AH Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7563AH
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics feature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563AH Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7563AH Datasheet HTML 11Page - STMicroelectronics TDA7563AH Datasheet HTML 12Page - STMicroelectronics TDA7563AH Datasheet HTML 13Page - STMicroelectronics TDA7563AH Datasheet HTML 14Page - STMicroelectronics TDA7563AH Datasheet HTML 15Page - STMicroelectronics TDA7563AH Datasheet HTML 16Page - STMicroelectronics TDA7563AH Datasheet HTML 17Page - STMicroelectronics TDA7563AH Datasheet HTML 18Page - STMicroelectronics TDA7563AH Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
TDA7563A
Diagnostics functional description
15/35
Concerning SHORT ACROSS THE SPEAKER / OPEN SPEAKER, the threshold varies
from 26 dB to 12 dB gain setting, since different loads are expected (either normal speaker's
impedance or high impedance). The values in case of 26 dB gain are as follows:
Figure 23.
Thresholds for short across the speaker/open speaker
If the Line-Driver mode (Gv= 12 dB and Line Driver Mode diagnostic = 1) is selected, the
same thresholds will change as follows:
Figure 24.
Thresholds for line-drivers
3.2
Permanent diagnostics
Detectable conventional faults are:
–
Short to GND
–Short to Vs
–
Short across the speaker
The following additional features are provided:
–
Output offset detection
The TDA7563A has 2 operating statuses:
1.
RESTART mode. The diagnostic is not enabled. Each audio channel operates
independently from each other. If any of the a.m. faults occurs, only the channel(s)
interested is shut down. A check of the output status is made every 1 ms (Figure 25).
Restart takes place when the overload is removed.
2.
DIAGNOSTIC mode. It is enabled via I2C bus and self activates if an output overload
(such to cause the intervention of the short-circuit protection) occurs to the speakers
outputs. Once activated, the diagnostics procedure develops as follows (Figure 26):
–
To avoid momentary re-circulation spikes from giving erroneous diagnostics, a
check of the output status is made after 1ms: if normal situation (no overloads) is
detected, the diagnostic is not performed and the channel returns back active.
–
Instead, if an overload is detected during the check after 1 ms, then a diagnostic
cycle having a duration of about 100 ms is started.
–
After a diagnostic cycle, the audio channel interested by the fault is switched to
RESTART mode. The relevant data are stored inside the device and can be read
by the microprocessor. When one cycle has terminated, the next one is activated
S.C. across Load
x
Open Load
0V
1.5
Ω
70
Ω
Infinite
x
Normal Operation
0.5
Ω
130
Ω
D01AU1254
D01AU1252
S.C. across Load
x
Open Load
0
Ω
4.5
Ω
200
Ω
infinite
x
Normal Operation
1.5
Ω
400
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com