Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7565 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7565
Description  Quad power amplifier with built-in voltage converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7565 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7565 Datasheet HTML 3Page - STMicroelectronics TDA7565 Datasheet HTML 4Page - STMicroelectronics TDA7565 Datasheet HTML 5Page - STMicroelectronics TDA7565 Datasheet HTML 6Page - STMicroelectronics TDA7565 Datasheet HTML 7Page - STMicroelectronics TDA7565 Datasheet HTML 8Page - STMicroelectronics TDA7565 Datasheet HTML 9Page - STMicroelectronics TDA7565 Datasheet HTML 10Page - STMicroelectronics TDA7565 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TDA7565
Electrical specification
7/18
PO
Output power
(VCon)
V = 14.4V
EIAJ (VS = 13.7V)
60
W
THD = 10%
THD = 1%
40
31
W
W
THD
Total harmonic distortion
PO = 1 W to 12 W; STDMODE
HE MODE; PO = 1-2 W
HE MODE; PO = 4-12 W
0.03
0.03
0.1
0.1
%
%
%
PO = 1-12 W, f = 10 kHz
0.15
0.5
%
CT
Cross talk
f = 1 kHz to 10 kHz, RG = 600 Ω
50
55
dB
RIN
Input impedance
60
100
130
K
Ω
GV1
Voltage gain 1
25.5
26
26.5
dB
ΔG
V1
Voltage gain match 1
-1
1
dB
GV2
Voltage gain 2
11.5
12
12.5
dB
ΔG
V2
Voltage gain match 2
-1
1
dB
EIN1
Output noise voltage 1
Rg = 600 Ω; GV = 26 dB
filter 20 Hz to 22 kHz
60
100
μV
EIN2
Output noise voltage 2
Rg = 600 Ω; GV = 26 dB
filter 20 Hz to 12 kHz
15
20
μV
SVR
Supply voltage rejection
f = 100 Hz to 10 kHz; Vr = 1V pk;
Rg = 600 Ω
50
60
dB
BW
Power bandwidth
(-3 dB)
75
KHz
ASB
Stand-by attenuation
70
100
dB
ISB
Stand-by current
100
μA
AM
Mute attenuation
70
90
dB
VOS
Offset voltage
Mute and play
-100
100
mV
VAM
Min. supply voltage threshold
6.5
7
7.5
V
Slew rate
1.5
V/
μs
TON
Turn on delay
D2/D1 (IB1) 0 to 1
10
20
ms
TOFF
Turn off delay
D2/D1 (IB1) 1 to 0
10
20
ms
Thermal foldback junction
temperature
155
170
185
°C
CDTHD
Clip det thd. level
D0 (IB1) = 0
0
1
2
%
D0 (IB1) = 1
5
10
15
%
VO
Offset detection
Power amplifier = play
AC Input = 0
±1.5
±2
±2.5
V
Thw
Thermal warning
165
°C
Table 4.
Electrical characteristics (continued)
(Refer to the test circuit, VS = 13.5V; RL = 4Ω; f = 1 kHz; voltage converter disabled (VCOff);
Tamb = 25°C; unless otherwise specified).
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com