Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7565 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7565
Description  Quad power amplifier with built-in voltage converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7565 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7565 Datasheet HTML 1Page - STMicroelectronics TDA7565 Datasheet HTML 2Page - STMicroelectronics TDA7565 Datasheet HTML 3Page - STMicroelectronics TDA7565 Datasheet HTML 4Page - STMicroelectronics TDA7565 Datasheet HTML 5Page - STMicroelectronics TDA7565 Datasheet HTML 6Page - STMicroelectronics TDA7565 Datasheet HTML 7Page - STMicroelectronics TDA7565 Datasheet HTML 8Page - STMicroelectronics TDA7565 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
July 2008
Rev 2
1/18
1
TDA7565
Quad power amplifier with built-in voltage converter
Features
■ Multipower BCD technology
■ DMOS power output
■ Non-switching high efficiency amplifier
■ Switching high efficiency voltage converter
■ High output power capability 4x60W EIAJ/4Ω
■ Full I2C Bus driving:
–St-by
– Independent front/rear soft play/mute
– Selectable gain 26dB - 12dB (for low noise
line output function)
– High efficiency enable/disable
– Voltage converter enable/disable
– Regulated voltage selection
– Switching frequency selection
■ Hardware mute function
■ Full fault protection
■ DC offset detection
■ Four independent short circuit protection
■ Clipping detector with selectable threshold
(1 % / 10 %) via I2C bus
Description
The TDA7565 is a new BCD technology quad
bridge type of car radio amplifier in Flexiwatt27
package specially intended for car radio
applications. Thanks to the DMOS output stage
the TDA7565 has a very low distortion allowing a
clear powerful sound.
The built-in voltage converter control block
assures a very high output power with an
extremely low number of added components.
The dissipated power under average listening
condition is aligned to the conventional solutions
(4 x 40 W).
Flexiwatt27
Table 1.
Device summary
Order code
Package
Packing
TDA7565
Flexiwatt27
Tube
www.st.com


Similar Part No. - TDA7565

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7565 STMICROELECTRONICS-TDA7565 Datasheet
121Kb / 10P
QUAD POWER AMPLIFIER WITH BUILT-IN VOLTAGE CONVERTER
Sep-2003
TDA7565 STMICROELECTRONICS-TDA7565 Datasheet
230Kb / 19P
Quad power amplifier with integrated step-up converter
16-Sep-2013
TDA7565 STMICROELECTRONICS-TDA7565_10 Datasheet
211Kb / 19P
Quad power amplifier with integrated step-up converter
03-Feb-2010
TDA7565 STMICROELECTRONICS-TDA7565_V01 Datasheet
230Kb / 19P
Quad power amplifier with integrated step-up converter
16-Sep-2013
More results

Similar Description - TDA7565

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Dec-2002
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7565 STMICROELECTRONICS-TDA7565 Datasheet
121Kb / 10P
QUAD POWER AMPLIFIER WITH BUILT-IN VOLTAGE CONVERTER
Sep-2003
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Apr-2004
TDA7563B STMICROELECTRONICS-TDA7563B Datasheet
508Kb / 33P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
19-Dec-2007
TDA7566 STMICROELECTRONICS-TDA7566_06 Datasheet
395Kb / 28P
4x40W multifunction quad power amplifier with built-in diagnostics features
18-Dec-2006
TDA7801 STMICROELECTRONICS-TDA7801 Datasheet
214Kb / 8P
Digital input quad power amplifier with built-in diagnostics features
12-Sep-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com