Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7801 Datasheet (PDF) - STMicroelectronics

TDA7801 Datasheet PDF - STMicroelectronics
Part # TDA7801
Download  TDA7801 Download
File Size   214.1 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Digital input quad power amplifier with built-in diagnostics features

TDA7801 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7801 Datasheet PDF - STMicroelectronics

Part # TDA7801
Download  TDA7801 Click to download

File Size   214.1 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Digital input quad power amplifier with built-in diagnostics features

TDA7801 Datasheet (HTML) - STMicroelectronics


TDA7801 Product details

Description

The TDA7801 is a new BCD technology quad bridge amplifier for car audio applications. Thanks to the BCD6 technology it is possible to integrate a high performance D/A converter together with powerful MOSFET outputs. The possibility of having the D/A conversion on board allows the performance to reach an outstanding 115 dB S/N ratio with more than 105 dB of dynamic range.



Features

■ Integrated 110 dB D/A conversion

■ I2S digital input (3.3/1.8 V) with TDM option

■ Selectable input sampling frequency: 44.1 kHz, 48 kHz, 96 kHz, 192 kHz

■ MOSFET power outputs

■ High output power capability 4x28 W/ 4Ω@ 14.4 V, 1 kHz, 10 % THD

■ Max. output power 4x72 W/2Ω

■ Full I2C bus driving (3.3/5 V):

    – Independent front/rear soft play/ mute

    – Selectable gain (four levels) for very low noise line-out function

    –I2C bus digital diagnostics (including DC and AC load detection)

■ Two I2C bus addresses and 8-ch TDM mode (only in PowerSO package)

■ Optional non I2C bus mode

■ Offset detector (play or mute mode)

■ Clipping detector (selectable level and independent front/rear) and diagnostics pin

■ CMOS compatible enable pin (3.3/5 V)

■ Full fault protection

■ Four independent short circuit protections

■ Thermal protection (four levels)

■ ESD protection




Similar Part No. - TDA7801

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7801 STMICROELECTRONICS-TDA7801 Datasheet
1Mb / 48P
Digital input quad power amplifier with built-in diagnostics features
18-Sep-2013
TDA7801H STMICROELECTRONICS-TDA7801H Datasheet
1Mb / 48P
Digital input quad power amplifier with built-in diagnostics features
18-Sep-2013
TDA7801PD STMICROELECTRONICS-TDA7801PD Datasheet
1Mb / 48P
Digital input quad power amplifier with built-in diagnostics features
18-Sep-2013
TDA7801PDTR STMICROELECTRONICS-TDA7801PDTR Datasheet
1Mb / 48P
Digital input quad power amplifier with built-in diagnostics features
18-Sep-2013
TDA7801SM STMICROELECTRONICS-TDA7801SM Datasheet
1Mb / 48P
Digital input quad power amplifier with built-in diagnostics features
18-Sep-2013
More results


Similar Description - TDA7801

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Dec-2002
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Apr-2004
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
505Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics features
22-Jan-2007
TDA7566 STMICROELECTRONICS-TDA7566_06 Datasheet
395Kb / 28P
4x40W multifunction quad power amplifier with built-in diagnostics features
18-Dec-2006
TDA7567PD STMICROELECTRONICS-TDA7567PD Datasheet
358Kb / 30P
4 x 50 W differential quad power amplifier with built-in diagnostics features
11-Dec-2009
TDA7803A STMICROELECTRONICS-TDA7803A Datasheet
1Mb / 72P
High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
06-Sep-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com