Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TN12
Description  Sensitive and Standard 12 A SCRS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN12 Datasheet(HTML) 1 Page - STMicroelectronics

  TN12 Datasheet HTML 1Page - STMicroelectronics TN12 Datasheet HTML 2Page - STMicroelectronics TN12 Datasheet HTML 3Page - STMicroelectronics TN12 Datasheet HTML 4Page - STMicroelectronics TN12 Datasheet HTML 5Page - STMicroelectronics TN12 Datasheet HTML 6Page - STMicroelectronics TN12 Datasheet HTML 7Page - STMicroelectronics TN12 Datasheet HTML 8Page - STMicroelectronics TN12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2007
Rev 6
1/12
12
TN12, TS12 and TYNx12 Series
Sensitive and Standard
12 A SCRS
Main features
Description
Available either in sensitive (TS12) or standard
(TN12 / TYN) gate triggering levels, the 12 A SCR
series is suitable to fit all modes of control, found
in applications such as overvoltage crowbar
protection, motor control circuits in power tools
and kitchen aids, inrush current limiting circuits,
capacitive discharge ignition and voltage
regulation circuits.
Available in through-hole or surface-mount
packages, they provide an optimized performance
in a limited space area.
Order codes
Symbol
Value
Unit
IT(RMS)
12
A
VDRM/VRRM
600 to 1000
V
IGT
0.2 to 15
mA
Part Numbers
Marking
TN1215-x00B
TN1215x00
TN1215-x00B-TR
TN1215x00
TN1215-x00G
TN1215x00G
TN1215-x00G-TR
TN1215x00G
TN1215-x00H
TN1215x00
TS1220-x00B
TS1220x00
TS1220-x00B-TR
TS1220x00
TS1220-x00H
TS1220x00
TYNx12RG
TYNx12
TYNx12TRG
TYNx12T
A
K
G
A
K
G
A
A
K
G
A
A
A
K
G
A
K
G
A
IPAK
(TN12-H / TS12-H)
TO-220AB
(TYNx12RG)
DPAK
(TN12-B / TS12-B)
D2PAK
(TN12-G)
www.st.com


Similar Part No. - TN12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12 Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
logo
Ferroxcube Internationa...
TN12-2P40 FERROXCUBE-TN12-2P40 Datasheet
47Kb / 3P
Iron powder toroids
TN12-2P50 FERROXCUBE-TN12-2P50 Datasheet
47Kb / 3P
Iron powder toroids
TN12-2P65 FERROXCUBE-TN12-2P65 Datasheet
47Kb / 3P
Iron powder toroids
TN12-2P80 FERROXCUBE-TN12-2P80 Datasheet
47Kb / 3P
Iron powder toroids
More results

Similar Description - TN12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
Sensitive and standard 8 A SCRs
22-Jan-2010
logo
Nell Semiconductor Co.,...
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
Sensitive and Standard SCRs, 8A
logo
STMicroelectronics
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
TS820-600T STMICROELECTRONICS-TS820-600T Datasheet
160Kb / 13P
Sensitive and standard 8 A SCRs
10-Oct-2011
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
Sensitive and Standard SCRs, 12A
logo
STMicroelectronics
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
Sensitive and Standard SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com