Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS482 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS482
Description  100mW Stereo Headphone Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS482 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS482 Datasheet HTML 10Page - STMicroelectronics TS482 Datasheet HTML 11Page - STMicroelectronics TS482 Datasheet HTML 12Page - STMicroelectronics TS482 Datasheet HTML 13Page - STMicroelectronics TS482 Datasheet HTML 14Page - STMicroelectronics TS482 Datasheet HTML 15Page - STMicroelectronics TS482 Datasheet HTML 16Page - STMicroelectronics TS482 Datasheet HTML 17Page - STMicroelectronics TS482 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Electrical Characteristics
TS482
14/26
Figure 31. Power dissipation vs. output power Figure 32. Power derating vs. ambient
temperature
Figure 33. Current consumption vs. power
supply voltage
Figure 34. Power supply rejection ratio vs.
frequency
Figure 35. THD + N vs. output power
Figure 36. THD + N vs. output power
02
46
8
10
12
14
0
5
10
15
20
25
RL=16
Ω
RL=8
Ω
RL=32
Ω
Vcc=2V
F=1kHz
THD+N<1%
Output Power (mW)
012
345
0
1
2
3
4
5
6
Ta=-40
°C
Ta=85
°C
Ta=25
°C
No load
Power Supply Voltage (V)
100
1000
10000
100000
0
20
40
60
80
100
20
Vcc=2.6V & 2V
Vcc=3.3V
Vcc=5V
Vripple=100mVpp
Vpin3,5=Vcc/2 (forced bias)
RL >= 8
Ω
0db=70mVrms
Tamb=25
°C
Frequency (Hz)
1
10
100
0.01
0.1
1
10
Vcc=5V
Vcc=3.3V
Vcc=2.6V
Vcc=2V
RL = 8
Ω
F = 20Hz
Av = -1
BW < 125kHz
Tamb = 25
°C
Output Power (mW)
1
10
100
1E-3
0.01
0.1
1
10
Vcc=5V
Vcc=3.3V
Vcc=2.6V
Vcc=2V
RL = 16
Ω
F = 20Hz
Av = -1
BW < 125kHz
Tamb = 25
°C
Output Power (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com