Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS482 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS482
Description  100mW Stereo Headphone Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS482 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS482 Datasheet HTML 14Page - STMicroelectronics TS482 Datasheet HTML 15Page - STMicroelectronics TS482 Datasheet HTML 16Page - STMicroelectronics TS482 Datasheet HTML 17Page - STMicroelectronics TS482 Datasheet HTML 18Page - STMicroelectronics TS482 Datasheet HTML 19Page - STMicroelectronics TS482 Datasheet HTML 20Page - STMicroelectronics TS482 Datasheet HTML 21Page - STMicroelectronics TS482 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Electrical Characteristics
TS482
18/26
Figure 55. Signal to noise ratio vs. power
supply with unweighted filter (20Hz
to 20kHz)
Figure 56. Signal to noise ratio vs. power
supply with unweighted filter (20Hz
to 20kHz)
Figure 57. Signal to noise ratio vs. power
supply with A weighted filter
Figure 58. Signal to noise ratio vs. power
supply with A weighted filter
Figure 59. Equivalent input noise voltage vs.
frequency
Figure 60. Output voltage swing vs. power
supply
2.0
2.5
3.0
3.5
4.0
4.5
5.0
90
92
94
96
98
100
102
104
106
108
110
Av = -1
THD+N < 0.2%
Tamb = 25
°C
RL=32
Ω
RL=16
Ω
RL=8
Ω
Power Supply (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
90
92
94
96
98
100
102
104
106
108
110
Av = -1
THD+N < 0.2%
Tamb = 25
°C
RL=5k
Ω
RL=600
Ω
Power Supply (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
90
95
100
105
110
115
120
Av = -1
THD+N < 0.2%
Tamb = 25
°C
RL=32
Ω
RL=16
Ω
RL=8
Ω
Power Supply (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
90
95
100
105
110
115
120
Av = -1
THD+N < 0.2%
Tamb = 25
°C
RL=5k
Ω
RL=600
Ω
Power Supply (V)
0.02
0.1
1
10
5
10
15
20
25
Vcc=5V
Rs=100
Ω
Tamb=25
°C
Frequency (kHz)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
RL=32
Ω
RL=16
Ω
RL=8
Ω
Tamb=25
°C
Power Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com