Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012EIJT Datasheet(PDF) 29 Page - STMicroelectronics

Part # TS2012EIJT
Description  Filter-free flip-chip stereo 2x2.5 W class D audio power amplifer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012EIJT Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TS2012EIJT Datasheet HTML 23Page - STMicroelectronics TS2012EIJT Datasheet HTML 24Page - STMicroelectronics TS2012EIJT Datasheet HTML 25Page - STMicroelectronics TS2012EIJT Datasheet HTML 26Page - STMicroelectronics TS2012EIJT Datasheet HTML 27Page - STMicroelectronics TS2012EIJT Datasheet HTML 28Page - STMicroelectronics TS2012EIJT Datasheet HTML 29Page - STMicroelectronics TS2012EIJT Datasheet HTML 30Page - STMicroelectronics TS2012EIJT Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
TS2012FC
Package information
29/31
Figure 44.
Tape and reel schematics (top view)
Figure 45.
Recommended footprint
User direction of feed
8
Die size X + 70µm
4
4
All dimensions are in mm
A
1
A
1
User direction of feed
8
Die size X + 70µm
4
4
All dimensions are in mm
A
1
A
1
150
μm min.
500
μm
500
μm
Φ=250μm
Φ=400μm typ.
75µm min.
100
μm max.
Track
Non Solder mask opening
Φ=340μm min.
Pad in Cu 18
μm with Flash NiAu (2-6μm, 0.2μm max.)
150
μm min.
500
μm
500
μm
Φ=250μm
Φ=400μm typ.
75µm min.
100
μm max.
Track
Non Solder mask opening
Φ=340μm min.
Pad in Cu 18
μm with Flash NiAu (2-6μm, 0.2μm max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com