Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012EIJT Datasheet(PDF) 30 Page - STMicroelectronics

Part # TS2012EIJT
Description  Filter-free flip-chip stereo 2x2.5 W class D audio power amplifer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012EIJT Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TS2012EIJT Datasheet HTML 23Page - STMicroelectronics TS2012EIJT Datasheet HTML 24Page - STMicroelectronics TS2012EIJT Datasheet HTML 25Page - STMicroelectronics TS2012EIJT Datasheet HTML 26Page - STMicroelectronics TS2012EIJT Datasheet HTML 27Page - STMicroelectronics TS2012EIJT Datasheet HTML 28Page - STMicroelectronics TS2012EIJT Datasheet HTML 29Page - STMicroelectronics TS2012EIJT Datasheet HTML 30Page - STMicroelectronics TS2012EIJT Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Ordering information
TS2012FC
30/31
6
Ordering information
7
Revision history
Table 9.
Order code
Order code
Temperature range
Package
Packing
Marking
TS2012EIJT
-40°C to +85°C
Flip chip 16
Tape & reel
K0
Table 10.
Document revision history
Date
Revision
Changes
14-Jan-2008
1
Initial release, preliminary information.
16-Apr-2008
2
Document status promoted to full datasheet (internal release).
17-Apr-2008
3
Public release of full datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com