Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4601B Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS4601B
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS4601B Datasheet HTML 2Page - STMicroelectronics TS4601B Datasheet HTML 3Page - STMicroelectronics TS4601B Datasheet HTML 4Page - STMicroelectronics TS4601B Datasheet HTML 5Page - STMicroelectronics TS4601B Datasheet HTML 6Page - STMicroelectronics TS4601B Datasheet HTML 7Page - STMicroelectronics TS4601B Datasheet HTML 8Page - STMicroelectronics TS4601B Datasheet HTML 9Page - STMicroelectronics TS4601B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Electrical characteristics
TS4601B
6/28
3
Electrical characteristics
3.1
Electrical characteristics tables
Table 5.
Electrical characteristics of the I²C interface
from VCC=+2.9 V to VCC=+5.5 V, GND = 0 V, Tamb = 25° C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIL
Low level input voltage on SDZ pins
0.63
V
VIH
High level input voltage on SDZ pins
1.1
V
VIL
Low level input voltage on SDA, SCL pins
0.6
V
VIH
High level input voltage on SDA, SCL pins
1.3
V
FSCL
I2C clock frequency
400
kHz
VOL
Low level output voltage, SDA pin, Isink = 3mA
0.4
V
Iin
Input current on SDA, SCL from 0.4V to 4.5V
10
µA
Table 6.
Electrical characteristics of the amplifier
from VCC=+2.9 V to VCC=+5.5 V, GND = 0 V, Tamb = 25° C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Quiescent supply current, no input signal, both channels
enabled, RL= 16Ω
VCC = 3.0V
VCC = 5.0V
4.8
5.6
6
7
mA
ISTBY
Master standby current, No input signal
VSDZ= 0V
VSDZ= 0.35V, VCC= 5V
0.5
2
10
µA
ISTBY
I²C standby current, no input signal
75
µA
Pull-down resistor on SDZ
480
600
720
k
Ω
Vin
Input differential voltage range(1)
1.2
Vrms
Voo
Output offset voltage
No input signal, RL = 32Ω
-5
+5
mV
Vout
Maximum output voltage, in-phase signals
RL = 16Ω, THD+N = 1% max, f = 1kHz
RL = 10kΩ, Rs=15Ω, CL=1nF, THD+N = 1% max, f = 1kHz
0.9
1.6
Vrms
Frequency
range
RL = 16Ω, G = 0dB, Pout = 20mW, +/- 0.5dB (related to1kHz)
Cin = 4.7µF
10
22000
Hz
THD + N
Total harmonic distortion + noise, G = 0dB
RL = 16Ω, Po = 5mW, F = 1kHz
RL = 16Ω, Po = 10mW, 20Hz < F < 20kHz
0.2
0.02
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com