Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4601B Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4601B
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601B Datasheet(HTML) 5 Page - STMicroelectronics

  TS4601B Datasheet HTML 1Page - STMicroelectronics TS4601B Datasheet HTML 2Page - STMicroelectronics TS4601B Datasheet HTML 3Page - STMicroelectronics TS4601B Datasheet HTML 4Page - STMicroelectronics TS4601B Datasheet HTML 5Page - STMicroelectronics TS4601B Datasheet HTML 6Page - STMicroelectronics TS4601B Datasheet HTML 7Page - STMicroelectronics TS4601B Datasheet HTML 8Page - STMicroelectronics TS4601B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TS4601B
Typical application schematics
5/28
C3
INR+
Right audio channel positive input signal.
D3
SDA
I²C signal data. Up to VCC tolerant input.
D2
SCL
I²C clock signal. Up to VCC tolerant input.
Table 4.
Component description for the TS4601B
Component
Value
Description
Cs
1µF
Decoupling capacitors for VCC and PVCC. Two 1µF capacitors are enough for
proper decoupling of TS4601B. X5R dielectric and 10V rating voltage is
recommended to minimize
ΔC/ΔV when VCC=5V.
Must be placed as close as possible to the TS4601B to minimize parasitic
inductance and resistance.
C12
1µF
Capacitor for internal negative power supply operation. X5R dielectric and 10V
rating voltage is recommended to minimize
ΔC/ΔV when VCC=5V.
Must be placed as close as possible to the TS4601B to minimize parasitic
inductance and resistance.
CSS
2.2µF
Filtering capacitor for internal negative power supply. X5R dielectric and 10V
rating voltage is recommended to minimize
ΔC/ΔV when VCC = 5V.
Cin
Input coupling capacitor that forms with Zin, a first order high pass filter with a
-3dB cut-off frequency FC. Zin is 12kΩ typical and independent of the gain
setting.
For example FC = 13Hz, Cin = 1µF and for FC = 6Hz, Cin = 2.2µF
Cout
0.8nF to 100nF
Output capacitor of 0.8nF minimum to 100nF maximum. This capacitor is
mandatory for operation of the TS4601B.
Rout
12
Ω min.
Output resistor in series with the TS4601B output. This 12
Ω minimum resistor
is mandatory for operation of the TS4601B.
Table 3.
Pin description for the TS4601B (continued)
Pin number
Pin name
Pin definition
Cin
1
2
πZinFc
------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com