Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4962
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4962_07 Datasheet HTML 18Page - STMicroelectronics TS4962_07 Datasheet HTML 19Page - STMicroelectronics TS4962_07 Datasheet HTML 20Page - STMicroelectronics TS4962_07 Datasheet HTML 21Page - STMicroelectronics TS4962_07 Datasheet HTML 22Page - STMicroelectronics TS4962_07 Datasheet HTML 23Page - STMicroelectronics TS4962_07 Datasheet HTML 24Page - STMicroelectronics TS4962_07 Datasheet HTML 25Page - STMicroelectronics TS4962_07 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Electrical characteristics
TS4962
22/46
Figure 4.
Current consumption vs. power
supply voltage
Figure 5.
Current consumption vs. standby
voltage
012
345
0.0
0.5
1.0
1.5
2.0
2.5
No load
Tamb=25
°C
Power Supply Voltage (V)
012
345
0.0
0.5
1.0
1.5
2.0
2.5
Vcc = 5V
No load
Tamb=25
°C
Standby Voltage (V)
Figure 6.
Current consumption vs. standby
voltage
Figure 7.
Output offset voltage vs. common
mode input voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
Vcc = 3V
No load
Tamb=25
°C
Standby Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10
Vcc=3.6V
Vcc=2.5V
Vcc=5V
G = 6dB
Tamb = 25
°C
Common Mode Input Voltage (V)
Figure 8.
Efficiency vs. output power
Figure 9.
Efficiency vs. output power
0.0
0.5
1.0
1.5
2.0
0
20
40
60
80
100
0
100
200
300
400
500
600
Vcc=5V
RL=4
Ω + ≥ 15μH
F=1kHz
THD+N
≤1%
Power
Dissipation
Efficiency
Output Power (W)
2.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
20
40
60
80
100
0
50
100
150
200
Vcc=3V
RL=4
Ω + ≥ 15μH
F=1kHz
THD+N
≤1%
Power
Dissipation
Efficiency
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com