Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TS4962
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TS4962_07 Datasheet HTML 26Page - STMicroelectronics TS4962_07 Datasheet HTML 27Page - STMicroelectronics TS4962_07 Datasheet HTML 28Page - STMicroelectronics TS4962_07 Datasheet HTML 29Page - STMicroelectronics TS4962_07 Datasheet HTML 30Page - STMicroelectronics TS4962_07 Datasheet HTML 31Page - STMicroelectronics TS4962_07 Datasheet HTML 32Page - STMicroelectronics TS4962_07 Datasheet HTML 33Page - STMicroelectronics TS4962_07 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Electrical characteristics
TS4962
30/46
Figure 52.
Gain vs. frequency
Figure 53.
Gain vs. frequency
100
1000
10000
0
2
4
6
8
Vcc=5V, 3.6V, 2.5V
RL=8
Ω + 30μH
G=6dB
Vin=500mVpp
Cin=1
μF
Tamb = 25
°C
20k
20
Frequency (Hz)
100
1000
10000
0
2
4
6
8
Vcc=5V, 3.6V, 2.5V
RL=8
Ω + Filter
G=6dB
Vin=500mVpp
Cin=1
μF
Tamb = 25
°C
20k
20
Frequency (Hz)
Figure 54.
Gain vs. frequency
Figure 55.
Startup & shutdown time
VCC =5V, G=6dB, Cin= 1µF (5ms/div)
100
1000
10000
0
2
4
6
8
Vcc=5V, 3.6V, 2.5V
RL=No Load
G=6dB
Vin=500mVpp
Cin=1
μF
Tamb = 25
°C
20k
20
Frequency (Hz)
Vo1
Vo2
Vo1-Vo2
Standby
Figure 56.
Startup & shutdown time
VCC = 3V, G = 6dB, Cin= 1µF (5ms/div)
Figure 57.
Startup & shutdown time
VCC = 5V, G = 6dB, Cin= 100nF (5ms/div)
Vo1
Vo2
Vo1-Vo2
Standby
Vo1
Vo2
Vo1-Vo2
Standby



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com