Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4972 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS4972
Description  1.2W Audio Power Amplifier with Standby Mode Active High
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4972 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS4972 Datasheet HTML 21Page - STMicroelectronics TS4972 Datasheet HTML 22Page - STMicroelectronics TS4972 Datasheet HTML 23Page - STMicroelectronics TS4972 Datasheet HTML 24Page - STMicroelectronics TS4972 Datasheet HTML 25Page - STMicroelectronics TS4972 Datasheet HTML 26Page - STMicroelectronics TS4972 Datasheet HTML 27Page - STMicroelectronics TS4972 Datasheet HTML 28Page - STMicroelectronics TS4972 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Application Information
TS4972
25/30
Application n°4 : Differential inputs BTL power
amplifier
In this configuration, we need to place these
components : R1, R4, R5, R6, R7, C4, C5, C12.
We have also : R4 = R5, R1 = R6, C4 = C5.
The differential gain of the amplifier is:
Note : Due to the VICM range (see Operating
Condition), GVDIFF must have a minimum value
shown in figure 84.
For Vcc=5V, a 20Hz to 20kHz bandwidth and
20dB gain BTL power amplifier you could follow
the bill of material below.
Components:
C10
Short Circuit
C12
1µF
S1, S2, S6, S7
2mm insulated Plug
10.16mm pitch
S8
3 pts connector 2.54mm
pitch
P1
SMB Plug
Figure 84: Minimum Differential Gain vs
Power Supply Voltage
Designator
Part Type
G VDIFF = 2
R1
R4
--------
2.5
3.0
3.5
4.0
4.5
5.0
5.5
10
15
20
25
30
35
40
Power Supply Voltage (V)
Designator
Part Type
R1
110k / 0.125W
R4
22k / 0.125W
R5
22k / 0.125W
R6
110k / 0.125W
R7
100k / 0.125W
R8
Short circuit
C4
470nF
C5
470nF
C6
100µF
C7
100nF
C9
Short Circuit
C10
Short Circuit
C12
1µF
S1, S2, S6, S7
2mm insulated Plug
10.16mm pitch
S8
3 pts connector 2.54mm
pitch
P1, P2
SMB Plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com