Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4972 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS4972
Description  1.2W Audio Power Amplifier with Standby Mode Active High
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4972 Datasheet(HTML) 3 Page - STMicroelectronics

  TS4972 Datasheet HTML 1Page - STMicroelectronics TS4972 Datasheet HTML 2Page - STMicroelectronics TS4972 Datasheet HTML 3Page - STMicroelectronics TS4972 Datasheet HTML 4Page - STMicroelectronics TS4972 Datasheet HTML 5Page - STMicroelectronics TS4972 Datasheet HTML 6Page - STMicroelectronics TS4972 Datasheet HTML 7Page - STMicroelectronics TS4972 Datasheet HTML 8Page - STMicroelectronics TS4972 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Electrical Characteristics
TS4972
3/30
2
Electrical Characteristics
Table 3: VCC = +5V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current
No input signal, no load
68
mA
ISTANDBY
Standby Current 1
No input signal, Vstdby = Vcc, RL = 8
1)
Standby mode is actived when Vstdby is tied to Vcc
10
1000
nA
Voo
Output Offset Voltage
No input signal, RL = 8
520
mV
Po
Output Power
THD = 1% Max, f = 1kHz, RL = 8
1.2
W
THD + N
Total Harmonic Distortion + Noise
Po = 250mW rms, Gv = 2, 20Hz < f < 20kHz, RL = 8
0.1
%
PSRR
Power Supply Rejection Ratio2
f = 217Hz, RL = 8
Ω, RFeed = 22KΩ, Vripple = 200mV rms
2)
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is an added sinus signal to Vcc @ f = 217Hz
75
dB
ΦM
Phase Margin at Unity Gain
RL = 8Ω, CL = 500pF
70
Degrees
GM
Gain Margin
RL = 8Ω, CL = 500pF
20
dB
GBP
Gain Bandwidth Product
RL = 8Ω
2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com