Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM20 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLM20
Description  Ultra-low current 2.4V precision analog temperature sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM20 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLM20_07 Datasheet HTML 6Page - STMicroelectronics STLM20_07 Datasheet HTML 7Page - STMicroelectronics STLM20_07 Datasheet HTML 8Page - STMicroelectronics STLM20_07 Datasheet HTML 9Page - STMicroelectronics STLM20_07 Datasheet HTML 10Page - STMicroelectronics STLM20_07 Datasheet HTML 11Page - STMicroelectronics STLM20_07 Datasheet HTML 12Page - STMicroelectronics STLM20_07 Datasheet HTML 13Page - STMicroelectronics STLM20_07 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Capacitive load
STLM20
10/16
5
Capacitive load
The STLM20 will handle capacitive loads of up to 300pF. Over the specified temperature
range, the STLM20 has a maximum output impedance of 160
Ω.
In a noisy environment, it may be advisable to add some filtering to minimize noise in the
output voltage. A 0.1µF capacitor added between the supply voltage and ground is
recommended.
In an extremely noisy environment, it may be necessary to add a low-pass filter network to
the output of the device. A 1µF capacitor, in addition to the output impedance of the device,
and a 200
Ω series resistor, will provide a low-pass filter that will pass the slow thermal time
constant of the STLM20, while filtering the higher frequency noise.
Figure 3.
Filter network for noisy environments or capacitive loads > 300pF
Table 7.
Resistor/capacitor combinations for the filter network
RFILTER
CFILTER
200
Ω
1µF
470
Ω
0.1µF
680
Ω
0.01µF
1000
Ω
1000pF
10k
Ω
100pF
100k
Ω
10pF
VCC
RFILTER
CFILTER
GND
0.1µF
Bypass Capacitor
VOUT
CL
AI12259
VCC
RFILTER
CFILTER
GND
0.1µF
Bypass Capacitor
VOUT
CL
AI12260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com