Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM20 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLM20
Description  Ultra-low current 2.4V precision analog temperature sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM20 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLM20_07 Datasheet HTML 8Page - STMicroelectronics STLM20_07 Datasheet HTML 9Page - STMicroelectronics STLM20_07 Datasheet HTML 10Page - STMicroelectronics STLM20_07 Datasheet HTML 11Page - STMicroelectronics STLM20_07 Datasheet HTML 12Page - STMicroelectronics STLM20_07 Datasheet HTML 13Page - STMicroelectronics STLM20_07 Datasheet HTML 14Page - STMicroelectronics STLM20_07 Datasheet HTML 15Page - STMicroelectronics STLM20_07 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
STLM20
Package mechanical data
13/16
Figure 6.
UDFN – 4-lead package outline
1.
Drawing is not to scale.
Table 9.
UDFN – 4-lead package mechanical data
Symbol
mm
inches
Min
Typ
Max
Min
Typ
Max
A
0.45
0.50
0.55
0.018
0.020
0.022
A1
0
0.025
0.05
0
0.001
0.002
A3
0.119
0.127
0.177
0.0046
0.0050
0.0069
b
0.20
0.25
0.30
0.008
0.010
0.012
D
0.95
1.00
1.05
0.037
0.039
0.041
E
1.25
1.30
1.35
0.049
0.051
0.053
e
0.45
0.50
0.55
0.018
0.020
0.022
L
0.35
0.40
0.45
0.014
0.016
0.018
L1
0.45
0.50
0.55
0.018
0.020
0.022
ddd
0
0.04
0.08
0
0.0016
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com