Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF51XX Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM8AF51XX
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF51XX Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM8AF51XX Datasheet HTML 65Page - STMicroelectronics STM8AF51XX Datasheet HTML 66Page - STMicroelectronics STM8AF51XX Datasheet HTML 67Page - STMicroelectronics STM8AF51XX Datasheet HTML 68Page - STMicroelectronics STM8AF51XX Datasheet HTML 69Page - STMicroelectronics STM8AF51XX Datasheet HTML 70Page - STMicroelectronics STM8AF51XX Datasheet HTML 71Page - STMicroelectronics STM8AF51XX Datasheet HTML 72Page - STMicroelectronics STM8AF51XX Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
STM8AF61xx, STM8AF51xx
Electrical characteristics
69/100
11.3.3
Internal clock sources and timing characteristics
Subject to general operating conditions for VDD and TA.
High speed internal RC oscillator (HSI)
Figure 19.
Typical HSI frequency vs VDD @ four temperatures
Table 26.
HSI oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
16
MHz
ACCHS
HSI oscillator user
trimming accuracy
Trimmed by the
application for any VDD
and TA conditions
-1(1)
1.
Tested in production
1(1)
%
HSI oscillator accuracy
(factory calibrated)
VDD = 5.0 V, TA = 25°C
-1(1)
1(1)
VDD = 5.0 V,
25 °C
≤TA ≤85 °C
± 2
VDD = 5.0 V,
25 °C
≤TA ≤125 °C
-3(1)
3(1)
VDD = 3.0 V ≤VDD ≤ 5.5 V,
-40 °C
≤TA ≤ 125 °C
-5(1)
5(1)
tsu(HSI)
HSI oscillator wake-up
time including calibration
2(2)
2.
Guaranteed by design, not tested in production
µs
-3%
-2%
-1%
0%
1%
2%
3%
2.5
3
3.5
4
4.5
5
5.5
6
VDD [V]
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com