Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF51XX Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM8AF51XX
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF51XX Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM8AF51XX Datasheet HTML 19Page - STMicroelectronics STM8AF51XX Datasheet HTML 20Page - STMicroelectronics STM8AF51XX Datasheet HTML 21Page - STMicroelectronics STM8AF51XX Datasheet HTML 22Page - STMicroelectronics STM8AF51XX Datasheet HTML 23Page - STMicroelectronics STM8AF51XX Datasheet HTML 24Page - STMicroelectronics STM8AF51XX Datasheet HTML 25Page - STMicroelectronics STM8AF51XX Datasheet HTML 26Page - STMicroelectronics STM8AF51XX Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
STM8AF61xx, STM8AF51xx
Product overview
23/100
5.9.4
I2C
●
I2C master features:
–
Clock generation
–
Start and stop generation
●
I2C slave features:
–
Programmable I2C address detection
–
Stop bit detection
●
Generation and detection of 7-bit/10-bit addressing and general call
●
Supports different communication speeds:
–
Standard speed (up to 100 kHz),
–
Fast speed (up to 400 kHz)
●
Interrupt:
–
Successful address/data communication
–
Error condition
–
Wake-up from halt
●
Wake-up from halt on address detection in slave mode
5.9.5
CAN
The beCAN3 controller (basic enhanced CAN), interfaces the CAN network and supports
the CAN protocol version 2.0A and B. It has been designed to manage a high number of
incoming messages efficiently with a minimum CPU load.
For safety-critical applications, the CAN controller provides all hardware functions to support
the CAN time triggered communication option (TTCAN).
The maximum transmission speed is 1 Mbit.
Transmission
●
Three transmit mailboxes
●
Configurable transmit priority by identifier or order request
●
Time stamp on SOF transmission
Reception
●
11- and 29-bit ID
●
1 receive FIFO (3 messages deep)
●
Software-efficient mailbox mapping at a unique address space
●
FMI (filter match index) stored with message
●
Configurable FIFO overrun
●
Time stamp on SOF reception
●
6 filter banks, 2 x 32 bytes (scalable to 4 x 16-bit) each, enabling various masking
configurations, such as 12 filters for 29-bit ID or 48 filters for 11-bit ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com