Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM75M2E Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLM75M2E
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM75M2E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLM75M2E Datasheet HTML 5Page - STMicroelectronics STLM75M2E Datasheet HTML 6Page - STMicroelectronics STLM75M2E Datasheet HTML 7Page - STMicroelectronics STLM75M2E Datasheet HTML 8Page - STMicroelectronics STLM75M2E Datasheet HTML 9Page - STMicroelectronics STLM75M2E Datasheet HTML 10Page - STMicroelectronics STLM75M2E Datasheet HTML 11Page - STMicroelectronics STLM75M2E Datasheet HTML 12Page - STMicroelectronics STLM75M2E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
STLM75
Description
9/37
1.3
Pin descriptions
See Figure 1 on page 7 and Table 1 on page 8 for a brief overview of the signals connected
to this device.
1.3.1
SDA (open drain)
This is the serial data input/output pin for the 2-wire serial communication port.
1.3.2
SCL
This is the serial clock input pin for the 2-wire serial communication port.
1.3.3
OS/INT (open drain)
This is the over-limit signal/interrupt alert output pin. It is open drain, so it needs a pull-up
resistor. In Interrupt mode, it outputs a pulse whenever the measured temperature exceeds
the programmed threshold (TOS). It behaves as a thermostat, toggling to indicate whether
the measured temperature is above or below the threshold and hysteresis (THYS).
1.3.4
GND
Ground; it is the reference for the power supply. It must be connected to system ground.
1.3.5
A2, A1, A0
A2, A1, and A0 are selectable address pins for the 3 LSBs of the I2C interface address.
They can be set to VDD or GND to provide 8 unique address selections.
1.3.6
VDD
This is the supply voltage pin, and ranges from +2.7 V to +5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com