Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM75M2E Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLM75M2E
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM75M2E Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLM75M2E Datasheet HTML 11Page - STMicroelectronics STLM75M2E Datasheet HTML 12Page - STMicroelectronics STLM75M2E Datasheet HTML 13Page - STMicroelectronics STLM75M2E Datasheet HTML 14Page - STMicroelectronics STLM75M2E Datasheet HTML 15Page - STMicroelectronics STLM75M2E Datasheet HTML 16Page - STMicroelectronics STLM75M2E Datasheet HTML 17Page - STMicroelectronics STLM75M2E Datasheet HTML 18Page - STMicroelectronics STLM75M2E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
STLM75
Operation
15/37
2.7
Temperature data format
Table 3 shows the relationship between the output digital data and the external temperature.
Temperature data for the temperature, TOS, and THYS registers is represented as a 9-bit,
two’s complement word.
The left-most bit in the output data stream contains temperature polarity information for each
conversion. If the sign bit is '0', the temperature is positive and if the sign bit is '1,' the
temperature is negative.
2.8
Bus timeout feature
The STLM75 supports an SMBus compatible timeout function which will reset the serial
I2C/SMBus interface if SDA is held low for a period greater than the timeout duration
between a START and STOP condition. If this occurs, the device will release the bus and
wait for another START condition.
Table 3.
Relationship between temperature and digital output
Temperature
Digital output
Binary
HEX
+125°C
0 1111 1010
0FAh
+25°C
0 0011 0010
032h
+0.5°C
0 0000 0001
001h
0°C
0 0000 0000
000h
–0.5°C
1 1111 1111
1FFh
–25°C
1 1100 1110
1CEh
–40°C
1 1011 0000
1B0h
–55°C
1 1001 0010
192h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com