Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC123 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M54HC123
Description  RAD-HARD DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC123 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M54HC123 Datasheet HTML 3Page - STMicroelectronics M54HC123 Datasheet HTML 4Page - STMicroelectronics M54HC123 Datasheet HTML 5Page - STMicroelectronics M54HC123 Datasheet HTML 6Page - STMicroelectronics M54HC123 Datasheet HTML 7Page - STMicroelectronics M54HC123 Datasheet HTML 8Page - STMicroelectronics M54HC123 Datasheet HTML 9Page - STMicroelectronics M54HC123 Datasheet HTML 10Page - STMicroelectronics M54HC123 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
M54HC123
7/11
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC’ Duty/100
+ Ic/2(per monostable) (Icc’: Active Supply current) (Duty:%)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition Time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH tPHL Propagation Delay Time
(A, B - Q, Q)
2.0
102
210
265
315
ns
4.5
29
425363
6.0
22
364554
tPLH tPHL Propagation Delay Time
(CLR TRIGGER - Q, Q)
2.0
102
235
295
355
ns
4.5
31
475971
6.0
23
405060
tPLH tPHL Propagation Delay Time
(CLR - Q, Q)
2.0
68
160
200
240
ns
4.5
20
324048
6.0
16
273441
tWOUT
Output Pulse Width
2.0
Cx = 100 pF
Rx = 10K
1.4
µs
4.5
1.2
6.0
1.1
2.0
Cx = 0.1
µF
Rx = 100K
4.6
ms
4.5
4.4
6.0
4.3
∆t
WOUT
Output Pulse Width Error
Between Circuits in Same
Package
±1
%
tW(H)
tW(L)
Minimum Pulse Width
2.0
75
95
110
ns
4.5
151922
6.0
131619
tW(L)
Minimum Pulse Width
(CLR)
2.0
75
95
110
ns
4.5
151922
6.0
131619
trr
Minimum Retrigger Time
2.0
Cx = 100 pF
Rx = 10K
325
ns
4.5
108
6.0
78
2.0
Cx = 0.1
µF
Rx = 100K
5
µs
4.5
1.4
6.0
1.2
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
10
10
10
pF
CPD
Power Dissipation
Capacitance
(note 1)
5.0
162
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com