Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC123 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC123
Description  RAD-HARD DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC123 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC123 Datasheet HTML 1Page - STMicroelectronics M54HC123 Datasheet HTML 2Page - STMicroelectronics M54HC123 Datasheet HTML 3Page - STMicroelectronics M54HC123 Datasheet HTML 4Page - STMicroelectronics M54HC123 Datasheet HTML 5Page - STMicroelectronics M54HC123 Datasheet HTML 6Page - STMicroelectronics M54HC123 Datasheet HTML 7Page - STMicroelectronics M54HC123 Datasheet HTML 8Page - STMicroelectronics M54HC123 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
March 2004
s
HIGH SPEED: tPD = 23 ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
STAND BY STATE:
ICC=4µA (MAX.) at TA=25°C
ACTIVE STATE:
ICC=200µA (MAX.) at VCC = 5V
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
WIDE OUTPUT PULSE WIDTH RANGE:
tWOUT = 120 ns ~ 60 s OVER AT VCC = 4.5 V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 123
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9207-006
DESCRIPTION
The
M54HC123
is
an
high
speed
CMOS
MONOSTABLE MULTIVIBRATOR fabricated with
silicon gate C2MOS technology.
There are two trigger inputs, A INPUT (negative
edge) and B INPUT (positive edge). These inputs
are valid for slow rising/falling signals, (tr=tf=l sec).
The device may also be triggered by using the
CLR
input
(positive-edge)
because
of
the
Schmitt-trigger input; after triggering the output
maintains the MONOSTABLE state for the time
period determined by the external resistor RX and
capacitor CX. When CX > 10nF and RX > 10KΩ,
the output pulse width value is approximately
given by the formula: tW(OUT) = K · Cx · Rx.
(K
0.45).
Taking CLR low breaks this MONOSTABLE
STATE. If the next trigger pulse occurs during the
MONOSTABLE
period
it
makes
the
MONOSTABLE period longer. Limit for values of
Cx and Rx : Cx : NO LIMIT
Rx : VCC < 3.0V 5KΩ to 1MΩ
VCC > 3.0V 1KΩ to 1MΩ
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC123
RAD-HARD DUAL
RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC123D
M54HC123D1
FPC
M54HC123K
M54HC123K1
DILC-16
FPC-16


Similar Part No. - M54HC123

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC123 STMICROELECTRONICS-M54HC123 Datasheet
291Kb / 14P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Oct-1993
M54HC123 STMICROELECTRONICS-M54HC123 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC123A STMICROELECTRONICS-M54HC123A Datasheet
291Kb / 14P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Oct-1993
M54HC123AB1R STMICROELECTRONICS-M54HC123AB1R Datasheet
291Kb / 14P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Oct-1993
M54HC123AC1R STMICROELECTRONICS-M54HC123AC1R Datasheet
291Kb / 14P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Oct-1993
More results

Similar Description - M54HC123

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
Dual Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Jul-2001
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M54HC4538 STMICROELECTRONICS-M54HC4538_04 Datasheet
387Kb / 13P
RAD HARD DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
16-Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com