Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC243 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC243
Description  QUAD BUS TRANSCEIVER (3 - STATE)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC243 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC243 Datasheet HTML 1Page - STMicroelectronics M74HC243 Datasheet HTML 2Page - STMicroelectronics M74HC243 Datasheet HTML 3Page - STMicroelectronics M74HC243 Datasheet HTML 4Page - STMicroelectronics M74HC243 Datasheet HTML 5Page - STMicroelectronics M74HC243 Datasheet HTML 6Page - STMicroelectronics M74HC243 Datasheet HTML 7Page - STMicroelectronics M74HC243 Datasheet HTML 8Page - STMicroelectronics M74HC243 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
August 2001
s
HIGH SPEED:
tPD = 11ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 6mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 243
DESCRIPTION
The M74HC243 is an high speed CMOS QUAD
BUS TRANSCEIVER (3-STATE) fabricated with
silicon gate C2MOS technology.
The
M74HC243
is
a
3-state
bidirectional
non-inverting buffer and is intended for two way
asynchronous
communication
between
data
buses. It has high drive current outputs which
enable high speed operation when driving large
bus capacitance. The device has one active high
enable (GBA), and one active low enable (GAB)
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC243
QUAD BUS TRANSCEIVER (3 - STATE)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC243B1R
SOP
M74HC243M1R
M74HC243RM13TR
TSSOP
M74HC243TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC243

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC243 STMICROELECTRONICS-M74HC243 Datasheet
257Kb / 11P
QUAD BUS TRANSCEIVER 3-STATE
Oct-1993
M74HC243B1R STMICROELECTRONICS-M74HC243B1R Datasheet
257Kb / 11P
QUAD BUS TRANSCEIVER 3-STATE
Oct-1993
M74HC243C1R STMICROELECTRONICS-M74HC243C1R Datasheet
257Kb / 11P
QUAD BUS TRANSCEIVER 3-STATE
Oct-1993
M74HC243F1R STMICROELECTRONICS-M74HC243F1R Datasheet
257Kb / 11P
QUAD BUS TRANSCEIVER 3-STATE
Oct-1993
M74HC243M1R STMICROELECTRONICS-M74HC243M1R Datasheet
257Kb / 11P
QUAD BUS TRANSCEIVER 3-STATE
Oct-1993
More results

Similar Description - M74HC243

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC8T26A MOTOROLA-MC8T26A Datasheet
223Kb / 5P
QUAD THREE-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74HC242 PHILIPS-74HC242 Datasheet
49Kb / 7P
Quad bus transceiver; 3-state; inverting
December 1990
74HC243 PHILIPS-74HC243 Datasheet
49Kb / 8P
Quad bus transceiver; 3-state
December 1990
logo
STMicroelectronics
74VHC125 STMICROELECTRONICS-74VHC125 Datasheet
61Kb / 8P
QUAD BUS BUFFERS 3-STATE
Jun-1999
74VHC126 STMICROELECTRONICS-74VHC126 Datasheet
61Kb / 8P
QUAD BUS BUFFERS (3-STATE)
Jun-1999
M54HC242 STMICROELECTRONICS-M54HC242 Datasheet
257Kb / 11P
QUAD BUS TRANSCEIVER 3-STATE
Oct-1993
logo
Fairchild Semiconductor
74F243 FAIRCHILD-74F243 Datasheet
32Kb / 4P
Quad Bus Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74HC243N PHILIPS-74HC243N Datasheet
92Kb / 17P
Quad bus transceiver; 3-state
Rev. 03-12 November 2004
logo
List of Unclassifed Man...
8T26A ETC1-8T26A Datasheet
271Kb / 6P
3-State Quad Bus Transceiver
logo
STMicroelectronics
M74HCT125 STMICROELECTRONICS-M74HCT125_01 Datasheet
172Kb / 9P
QUAD BUS BUFFER (3-STATE)
Aug-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com